Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS84320AK-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS84320AK-01
Description  780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84320AK-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS84320AK-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
84320AK-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 6, 2004
8
Integrated
Circuit
Systems, Inc.
ICS84320-01K
780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
PERIOD JITTER
OUTPUT SKEW
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
-1.3V ± 0.165V
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
FOUTx
nFOUTx
V
CC,
V
CCA,
V
CCO
V
EE


Similar Part No. - ICS84320AK-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS84320AK-01 IDT-ICS84320AK-01 Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84320AK-01LF IDT-ICS84320AK-01LF Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84320AK-01LFT IDT-ICS84320AK-01LFT Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84320AK-01T IDT-ICS84320AK-01T Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS84320AK-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
   780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
84320I-01 RENESAS-84320I-01 Datasheet
509Kb / 21P
   780MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
DECEMBER 17, 2014
logo
Integrated Circuit Syst...
ICS84320-01 ICST-ICS84320-01 Datasheet
230Kb / 17P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84320-01 IDT-ICS84320-01 Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
   260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
   700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com