Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS84320AK-01 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS84320AK-01
Description  780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84320AK-01 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS84320AK-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 13Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 14Page - Integrated Circuit Systems ICS84320AK-01 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
84320AK-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 6, 2004
11
Integrated
Circuit
Systems, Inc.
ICS84320-01K
780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
FIGURE 5B. PCB BOARD LAYOUT FOR ICS84320-01K
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C14 and C15, as close as pos-
sible to the power pins. If space allows, placement of the
decoupling capacitor on the component side is preferred. This
can reduce unwanted inductance between the decoupling ca-
pacitor and the power pin caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed
as close to the V
CCA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital systems,
the clock signal is less tolerant to poor signal integrity than other
signals. Any ringing on the rising or falling edge or excessive ring
back can cause system failure. The shape of the trace and the
trace delay might be restricted by the available space on the board
and the component location. While routing the traces, the clock
signal traces should be routed first and should be locked prior to
routing other signal traces.
• The differential 50
Ω output traces should have the
same length.
• Avoid sharp angles on the clock trace. Sharp angle
turns cause the characteristic impedance to change on
the transmission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid placing vias on the clock traces. Placement
of vias on the traces can affect the trace characteristic
impedance and hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between the
clock trace pair.
• The matching termination resistors should be located as
close to the receiver input pins as possible.
CRYSTAL
The crystal X1 should be located as close as possible to the pins
25 (XTAL1) and 24 (XTAL2). The trace length between the X1
and U1 should be kept to a minimum to avoid unwanted parasitic
inductance and capacitance. Other signal traces should not be
routed near the crystal traces.
TL1, TL21N are 50 Ohm
traces and equal length
R2
VIA
GND
C15
R4
TL1
R1
X1
VCC
C11
PIN 1
C1
C14
TL1N
C2
R3
C16
R7
Close to the input
pins of the
receiver
U1
VCCA


Similar Part No. - ICS84320AK-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS84320AK-01 IDT-ICS84320AK-01 Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84320AK-01LF IDT-ICS84320AK-01LF Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84320AK-01LFT IDT-ICS84320AK-01LFT Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84320AK-01T IDT-ICS84320AK-01T Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS84320AK-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
   780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
84320I-01 RENESAS-84320I-01 Datasheet
509Kb / 21P
   780MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
DECEMBER 17, 2014
logo
Integrated Circuit Syst...
ICS84320-01 ICST-ICS84320-01 Datasheet
230Kb / 17P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84320-01 IDT-ICS84320-01 Datasheet
1Mb / 21P
   780MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
   260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
   700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com