Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS84314-02 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS84314-02
Description  700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84314-02 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS84314-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS84314-02 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
84314AY-02
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 17, 2005
5
Integrated
Circuit
Systems, Inc.
ICS84314-02
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL
FREQUENCY SYNTHESIZER W/FANOUT BUFFER
PRELIMINARY
TABLE 5A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V±5%, T
A
= 0°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
D
B
TA
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
D
B
TA
m
TABLE 5B. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, VCCO = 3.3V±5%
OR
2.5V±5%, TA = 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
D
B
TA
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
D
B
TA
m


Similar Part No. - ICS84314-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84314 ICST-ICS84314 Datasheet
222Kb / 18P
   350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
ICS84314AY ICST-ICS84314AY Datasheet
222Kb / 18P
   350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
ICS84314AYLF ICST-ICS84314AYLF Datasheet
222Kb / 18P
   350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
ICS84314AYLFT ICST-ICS84314AYLFT Datasheet
222Kb / 18P
   350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
ICS84314AYT ICST-ICS84314AYT Datasheet
222Kb / 18P
   350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
More results

Similar Description - ICS84314-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84314 RENESAS-84314 Datasheet
458Kb / 20P
   350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
logo
Integrated Circuit Syst...
ICS84314 ICST-ICS84314 Datasheet
222Kb / 18P
   350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
843246I IDT-843246I Datasheet
323Kb / 18P
   Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Integrated Circuit Syst...
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
   Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com