Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83947AYILNT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS83947AYILNT
Description  LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83947AYILNT Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS83947AYILNT Datasheet HTML 1Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 2Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 3Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 4Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 5Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 6Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 7Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 8Page - Integrated Circuit Systems ICS83947AYILNT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
83947AYI
http://www.icst.com/products/hiperclocks.html
REV. B OCTOBER 11, 2004
6
Integrated
Circuit
Systems, Inc.
ICS83947I
LOW SKEW, 1-TO-9
LVCMOS FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS83947I is: 1040
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD LQFP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.


Similar Part No. - ICS83947AYILNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83947AYI-147 ICST-ICS83947AYI-147 Datasheet
169Kb / 10P
   LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
ICS83947AYI-147T ICST-ICS83947AYI-147T Datasheet
169Kb / 10P
   LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83947AYILNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83947I IDT-83947I Datasheet
106Kb / 10P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
logo
Renesas Technology Corp
83947I RENESAS-83947I Datasheet
210Kb / 11P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
logo
Integrated Device Techn...
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
   Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
   LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83947I-147 RENESAS-ICS83947I-147 Datasheet
398Kb / 13P
   Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
March 18, 2016
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
   LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com