Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6123MS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN6123MS
Description  Speech network IC with ALC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6123MS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN6123MS Datasheet HTML 1Page - Panasonic Semiconductor AN6123MS Datasheet HTML 2Page - Panasonic Semiconductor AN6123MS Datasheet HTML 3Page - Panasonic Semiconductor AN6123MS Datasheet HTML 4Page - Panasonic Semiconductor AN6123MS Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AN6213MS
ICs for Telephone
s Pin Descriptions
Pin No.
Description
1VCC
Supply voltage pin
2
DET
Detection pin
3
Input
Signal input pin
4
GND
Grounding pin
5
Output
Signal output pin
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating current
ICC
Without signal input
450
900
µA
s Electrical Characteristics at V
CC = 3.0 V, f = 1 kHz, Ta = 25°C
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6.5
V
Supply current
ICC
3.0
mA
Power dissipation
PD
19.5
mW
Operating ambient temperature *
Topr
−20 to +75
°C
Storage temperature *
Tstg
−55 to +125
°C
Note) *: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
2.4 to 6.0
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Voltage gain
GV
VIN = −40 dBm
22
24
26
dB
Output level
VO
VIN = −10 dBm
−9.5
−7.5
−5.5
dBm
ALC control range
∆ALC
Output level varying amount
−1.5
1.5
dB
at VIN = −25 dBm, VIN = 0 dBm
Total harmonic distortion factor
THD
At VIN = −10 dBm
1
3
%
Output noise voltage
VNO
Terminated by CCIT filter input 2 k
−70
−60
dBm
Input impedance
ZIN
Pin 3 input impedance
15
30
45
k
Output impedance
ZOUT
Pin 5 output impedance
200
400
600
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.


Similar Part No. - AN6123MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
   Speech network IC with ALC
More results

Similar Description - AN6123MS

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
   Speech network IC with ALC
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
   AGC IC for telephone speech network
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
   Speech network
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
   Speech Network IC Incorporating Cross-Point Switch
logo
Samsung semiconductor
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
   SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com