Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83840B Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS83840B
Description  DDR SDRAM MUX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83840B Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS83840B Datasheet HTML 1Page - Integrated Circuit Systems ICS83840B Datasheet HTML 2Page - Integrated Circuit Systems ICS83840B Datasheet HTML 3Page - Integrated Circuit Systems ICS83840B Datasheet HTML 4Page - Integrated Circuit Systems ICS83840B Datasheet HTML 5Page - Integrated Circuit Systems ICS83840B Datasheet HTML 6Page - Integrated Circuit Systems ICS83840B Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
83840BH
www.icst.com/products/hiperclocks.html
REV. A JANUARY 30, 2004
3
Integrated
Circuit
Systems, Inc.
ICS83840B
DDR SDRAM MUX
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 2.5V ± 0.2V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
3
.
25
.
27
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
5A
µ
TABLE 4B. DC CHARACTERISTICS, V
DD = 2.5V ± 0.2V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
Ix
S
n6
.
1V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
Ix
S
n
9
.
0V
V
K
I
e
g
a
t
l
o
V
p
m
a
l
C
t
u
p
n
IV
D
D
;
V
3
.
2
=I
I
A
m
8
1
-
=2
.
1
-V
I
L
e
g
a
k
a
e
L
t
u
p
n
I
t
n
e
r
r
u
C
x
S
n
V
D
D
;
V
5
.
2
=V
I
V
=
D
D
;
D
N
G
r
o
V
=
S
n
D
D
0
0
1
±A
µ
t
r
o
P
t
s
o
H
0
0
1
±A
µ
t
r
o
P
M
M
I
DI
r
o
f
D
N
G
=
S
n
)
t
s
e
t
(
L
I
0
0
1
±A
µ
r
N
O
1
E
T
O
N
;
e
c
n
a
t
s
i
s
e
R
n
O
V
D
D
V
;
V
5
.
2
=
A
V
;
V
8
.
0
=
B
V
0
.
1
=5
8
3
1
V
D
D
V
;
V
5
.
2
=
A
V
;
V
7
.
1
=
B
V
5
.
1
=5
8
3
1
n
o
s
e
g
a
t
l
o
v
d
e
t
a
c
i
d
n
i
e
h
t
t
a
s
l
a
n
i
m
r
e
t
M
M
I
D
e
h
t
d
n
a
t
s
o
H
e
h
t
n
e
e
w
t
e
b
,
e
r
u
s
a
e
m
t
n
e
r
r
u
c
e
h
t
m
o
r
f
d
e
t
a
l
u
c
l
a
C
:
1
E
T
O
N
.
h
c
t
i
w
s
e
h
t
f
o
e
d
i
s
h
c
a
e
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
-0.5V to +3.3V
Inputs, V
I
-0.3V to V
DD + 0.3 V
Ports
DC Input Clamp Current, I
IK
-50mA
Package Thermal Impedance,
θ
JA
50.04°C/W (0 mfps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 5. AC CHARACTERISTICS, V
DD = 2.5V ± 0.2V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
t
D
P
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
4
,
1
E
T
O
N
o
t
x
P
D
x
r
o
x
P
H
m
o
r
F
x
P
H
r
o
x
P
D
x
0
80
6
10
5
2s
p
t
N
E
t
u
p
t
u
O
e
m
i
T
e
l
b
a
n
E
o
t
x
S
n
m
o
r
F
x
P
D
n
r
o
x
P
H
2
.
1s
n
t
S
I
D
t
u
p
t
u
O
e
m
i
T
e
l
b
a
s
i
D
o
t
x
S
n
m
o
r
F
x
P
D
n
r
o
x
P
H
2
.
1s
n
t
K
S
O
;
w
e
k
S
t
u
p
t
u
O
4
,
2
E
T
O
N
t
r
o
P
y
n
a
o
t
t
r
o
P
y
n
A
0
2
1s
p
t
K
S
B
;
w
e
k
S
k
n
a
B
4
,
3
E
T
O
N
t
r
o
P
y
n
a
o
t
t
r
o
P
y
n
A
k
n
a
b
e
m
a
s
e
h
t
n
i
h
t
i
w
0
6s
p
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
o
t
t
u
p
n
i
e
h
t
f
o
2
/V
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
O
D
D
.
2
/
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
,
d
e
t
s
e
t
n
o
i
t
c
u
d
o
r
p
t
o
N
:
4
E
T
O
N


Similar Part No. - ICS83840B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83840 ICST-ICS83840 Datasheet
139Kb / 8P
   DDR SDRAM MUX
ICS83840AH ICST-ICS83840AH Datasheet
139Kb / 8P
   DDR SDRAM MUX
ICS83840AHLF ICST-ICS83840AHLF Datasheet
139Kb / 8P
   DDR SDRAM MUX
ICS83840AHLFT ICST-ICS83840AHLFT Datasheet
139Kb / 8P
   DDR SDRAM MUX
ICS83840AHT ICST-ICS83840AHT Datasheet
139Kb / 8P
   DDR SDRAM MUX
More results

Similar Description - ICS83840B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83840 ICST-ICS83840 Datasheet
139Kb / 8P
   DDR SDRAM MUX
ICS83841 ICST-ICS83841 Datasheet
123Kb / 8P
   20 BIT, DDR SDRAM 2:1 MUX
logo
NXP Semiconductors
CBTV4010 PHILIPS-CBTV4010 Datasheet
72Kb / 10P
   10-bit DDR SDRAM mux/bus switch
2002 Feb 19
CBTV4020 NXP-CBTV4020 Datasheet
105Kb / 16P
   20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com