Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8523I-03 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8523I-03
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523I-03 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8523I-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 9Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 10Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 11Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 12Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 13Page - Integrated Circuit Systems ICS8523I-03 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8523AGI-03
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 5, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8523I-03
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8523I-03.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS8523I-03 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VDD_MAX * IDD_MAX = 3.465V * 55mA = 190mW
Power (outputs)
MAX = 32.8mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 32.8mW = 131mW
Total Power
_MAX (3.465V, with all outputs switching) = 190mW + 131mW = 321mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 66.6°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.321W * 66.6°C/W = 106.4°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
20-PIN TSSOP, FORCED CONVECTION


Similar Part No. - ICS8523I-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8523I RENESAS-ICS8523I Datasheet
494Kb / 19P
   Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
2019
More results

Similar Description - ICS8523I-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
logo
Integrated Device Techn...
8523I-03 IDT-8523I-03 Datasheet
230Kb / 16P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
   Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com