Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83032AGI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83032AGI
Description  75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83032AGI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83032AGI Datasheet HTML 1Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 2Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 3Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
83032AGI
www.icst.com/products/hiperclocks.html
REV. B FEBRUARY 13, 2006
1
Integrated
Circuit
Systems, Inc.
ICS83032I
75MHZ, 3RD OVERTONE OSCILLATOR
W
/DUAL LVCMOS/LVTTL OUTPUTS
PRELIMINARY
GENERAL DESCRIPTION
The ICS83032I is a SAS/SATA dual output
LVCMOS/LVTTL oscillator and a member of the
HiperClocks™ family of high performance de-
vices from ICS. The ICS83032I uses a 3rd over-
tone crystal to provide a reference frequency
of 75MHz. The ICS83032I has excellent phase jitter perfor-
mance, over the 900kHz - 7.5MHz integration range. The
ICS83032I is packaged in a small 8-pin TSSOP, making it
ideal for use in systems with limited board space.
FEATURES
• One LVCMOS/LVTTL output, 15Ω output impedence
• Crystal oscillator interface designed for 3rd overtone
75MHz crystal
• Output frequency range: 53MHz - 80MHz
• RMS phase jitter @ 75MHz (900kHz - 7.5MHz):
<125fs (typical)
• 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS83032I
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
OE
XTAL_IN
XTAL_OUT
GND
1
2
3
4
VDD
nc
Q0
Q1
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
3rd Overtone
Crystal Oscillator
XTAL_IN
XTAL_OUT
OE
Q0
Q1
Pullup
75MHz
75MHz
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS83032AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS830-21I ICST-ICS830-21I Datasheet
160Kb / 12P
   2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
ICS830-23I ICST-ICS830-23I Datasheet
158Kb / 12P
   DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
logo
Integrated Device Techn...
ICS830154AMI-08LF IDT-ICS830154AMI-08LF Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
More results

Similar Description - ICS83032AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843-75 ICST-ICS843-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
logo
Integrated Device Techn...
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
   LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
logo
Integrated Circuit Syst...
ICS8316 ICST-ICS8316 Datasheet
150Kb / 7P
   LOW SKEW, 1-TO-16, LVCMOS / LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
ICS840-77 ICST-ICS840-77 Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840-125 ICST-ICS840-125 Datasheet
166Kb / 9P
   125MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS85222-01 ICST-ICS85222-01 Datasheet
154Kb / 13P
   DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
logo
Integrated Device Techn...
85222 IDT-85222 Datasheet
152Kb / 13P
   Dual LVCMOS / LVTTL-TO-Differential
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com