Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8523BGILF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS8523BGILF
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523BGILF Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS8523BGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 9Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 10Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 11Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8523BGI
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 16, 2004
8
Integrated
Circuit
Systems, Inc.
ICS8523I
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
FIGURE 3C. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER
FIGURE 3B. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER
FIGURE 3D. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVDS DRIVER
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, HSTL, SSTL, HCSL
and other differential signals. Both V
SWING and VOH must meet the
V
PP and VCMR input requirements. Figures 3A to 3E show inter-
face examples for the HiPerClockS CLK/nCLK input driven by
the most common driver types. The input interfaces suggested
FIGURE 3A. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
ICS HIPERCLOCKS HSTL DRIVER
here are examples only. Please consult with the vendor of the
driver component to confirm the driver termination requirements.
For example in
Figure 3A, the input termination applies for ICS
HiPerClockS HSTL drivers. If you are using an HSTL driver from
another vendor, use their termination recommendation.
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
FIGURE 3E. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER WITH AC COUPLE
Zo = 50 Ohm
R3
125
HiPerClockS
CLK
nCLK
3.3V
R5
100 - 200
3.3V
R2
84
3.3V
R6
100 - 200
Input
R5,R6 locate near the driver pin.
Zo = 50 Ohm
R1
84
R4
125
C2
LVPECL
C1
Zo = 50 Ohm
R1
100
3.3V
LVDS_Driv er
Zo = 50 Ohm
Receiv er
CLK
nCLK
3.3V


Similar Part No. - ICS8523BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523BG ICST-ICS8523BG Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523BGT ICST-ICS8523BGT Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results

Similar Description - ICS8523BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
   Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
logo
Integrated Circuit Syst...
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
   Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8524 IDT-ICS8524 Datasheet
203Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
   Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com