Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8523BGILF Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8523BGILF
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523BGILF Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8523BGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 9Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 10Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 11Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 12Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 13Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 14Page - Integrated Circuit Systems ICS8523BGILF Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8523BGI
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 16, 2004
11
Integrated
Circuit
Systems, Inc.
ICS8523I
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8523I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS8523I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VDD_MAX * IDD_MAX = 3.465V * 55mA = 190.6mW
Power (outputs)
MAX = 32.6mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 32.6mW = 130.4mW
Total Power
_MAX (3.465V, with all outputs switching) = 190.6mW + 130.4mW = 321mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 66.6°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.321W * 66.6°C/W = 106.4°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
20-PIN TSSOP, FORCED CONVECTION


Similar Part No. - ICS8523BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523BG ICST-ICS8523BG Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523BGT ICST-ICS8523BGT Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results

Similar Description - ICS8523BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
   Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
logo
Integrated Circuit Syst...
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
   Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8524 IDT-ICS8524 Datasheet
203Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
   Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com