Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8516FYI Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8516FYI
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8516FYI Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8516FYI Datasheet HTML 5Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 6Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 7Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 8Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 9Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 10Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 11Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 12Page - Integrated Circuit Systems ICS8516FYI Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8516FYI
www.icst.com/products/hiperclocks.html
REV. A JULY 30, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8516I
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8516I is: 1821
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 48 LEAD LQFP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
FIGURE 4. ICS8516I LVDS BUFFER SCHEMATIC EXAMPLE
C5
0.1u
(U1-12)
Zo = 50 Ohm
Zo = 50 Ohm
(U1-25)
LVDS_input
+
-
(U1-31)
Zo = 50 Ohm
C3
0.1u
C6
0.1u
U1
8516
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
nQ1
Q1
nQ0
Q0
GND
nCLK
CLK
GND
Q15
nQ15
Q14
nQ14
Q6
nQ6
Q7
nQ7
GND
OE1
OE2
GND
nQ8
Q8
nQ9
Q9
Zo = 50 Ohm
R16
100
Zo = 50 Ohm
VDD=3.3V
LVDS_input
+
-
Zo = 50 Ohm
Zo = 50 Ohm
Zo = 50 Ohm
VDD=3.3V
R10
100
C4
0.1u
C2
0.1u
LVDS_Driver
R17
100
LVDS_input
+
-
(U1-1)
Decoupling capacitors located near the power pins
(U1-6)
(U1-36)
R1
100
C1
0.1u
SCHEMATIC EXAMPLE
Figure 4 shows a schematic example of ICS8516I. In this ex-
ample, the input is driven by an LVDS driver. For LVDS buffer, it
is recommended to terminate the unused outputs for better sig-
nal integrity. The decoupling capacitors should be physically
located near the power pin.


Similar Part No. - ICS8516FYI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516FY ICST-ICS8516FY Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS8516FYLF ICST-ICS8516FYLF Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516FYLF IDT-ICS8516FYLF Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516FYLFT ICST-ICS8516FYLFT Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516FYLFT IDT-ICS8516FYLFT Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
More results

Similar Description - ICS8516FYI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
   Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
85408I RENESAS-85408I Datasheet
635Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
85408 IDT-85408_15 Datasheet
299Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
logo
Integrated Device Techn...
85108 IDT-85108 Datasheet
528Kb / 16P
   Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com