Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS650G-40 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS650G-40
Description  ETHERNET SWITCH CLOCK SOURCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650G-40 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS650G-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS650G-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS650G-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS650G-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS650G-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS650G-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ETHERNET SWITCH CLOCK SOURCE
MDS 650-40 C
6
Revision 060705
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS650-40
Package Outline and Package Dimensions (16-pin TSSOP, 173 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS650G-40
See Page 6
Tubes
16-pin TSSOP
0 to +70
° C
ICS650G-40T
Tape and Reel
16-pin TSSOP
0 to +70
° C
ICS650G-40LF
See Page 6
Tubes
16-pin TSSOP
0 to +70
° C
ICS650G-40LFT
Tape and Reel
16-pin TSSOP
0 to +70
° C
D
E
H
b
e
a
Pin 1
Index
Area
c
A
L
INDE X
AR EA
1
2
16
D
E1
E
SEA T IN G
PLAN E
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS650G-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650G-40A ICST-ICS650G-40A Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
ICS650G-40AT ICST-ICS650G-40AT Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
More results

Similar Description - ICS650G-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
logo
Integrated Circuit Syst...
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
   Fast Ethernet Clock Source
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
   Fast Ethernet Clock Source
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com