Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS650-36 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-36
Description  Networking & PCI Clock Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-36 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 6Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS650-36
MDS 650-36 D
1
Revision 030206
Integrat ed Circuit Sy stems
5 25 Race Street, San Jose, CA 9 5126 tel (408 ) 2 97-12 01 www.icst.co m
Networking & PCI Clock Source
Description
The ICS650-36 is a low cost frequency generator
designed to support networking and PCI applications.
Using analog/digital Phase Locked-Loop (PLL)
techniques, the device uses a standard fundamental
mode, inexpensive crystal input of 25 MHz to produce
four output clocks supporting LAN, PCI, and 100M
SDRAM functions.
The device also has a power down feature that
tri-states the clock outputs and turns off the PLL when
the PDTS pin is taken low.
Features
Packaged in 16-pin TSSOP
Available in Pb (lead) free package
Replaces multiple crystals and oscillators
Input crystal or clock frequency of 25 MHz
Fixed reference output frequency of 25 MHz
Selectable output frequencies of 33.3, 33.333, 50,
66.666, 100, and 125 MHz
Duty cycle of 40/60
Operating voltage of 3.3 V
Advanced, low-power CMOS process
Industrial and commercial temperature ranges
Block Diagram
X1/ICLK
X2
PLL1
PLL2
Crystal
Oscillator/
Clock
Buffer
25 MHz
crystal
input
External capacitors
may be required.
VDD
GND
PDTS (all outputs and PLLs)
CLK1
3
3
PLL3
CLK3
CLK2
REF
Select/
Control
Circuit
3
S2:0


Similar Part No. - ICS650-36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
   NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results

Similar Description - ICS650-36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
   NETWORKING AND PCI CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
   NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
   NETWORKING CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com