Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8430BI-71L Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS8430BI-71L
Description  700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430BI-71L Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS8430BI-71L Datasheet HTML 5Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 6Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 7Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 8Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 9Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 10Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 11Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 12Page - Integrated Circuit Systems ICS8430BI-71L Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8430BYI-71
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 17, 2006
9
Integrated
Circuit
Systems, Inc.
ICS8430BI-71
700MHZ, LOW JITTER, CRYSTAL INTERFACE/
LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, termi-
nating resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed to
drive 50
Ω transmission lines. Matched impedance tech-
FIGURE 4B. LVPECL OUTPUT TERMINATION
FIGURE 4A. LVPECL OUTPUT TERMINATION
niques should be used to maximize operating frequency
and minimize signal distortion. There are a few simple ter-
mination schemes. Figures 4A and 4B show two different
layouts which are recommended only as guidelines. Other
suitable clock layouts may exist and it would be recom-
mended that the board designers simulate to guarantee
compatibility across all printed circuit and clock component
process variations.
TERMINATION FOR LVPECL OUTPUTS
INPUTS:
CRYSTAL INPUT:
For applications not requiring the use of the crystal oscillator
input, both XTAL_IN and XTAL_OUT can be left floating.
Though not required, but for additional protection, a 1k
Ω
resistor can be tied from XTAL_IN to ground.
TEST_CLK INPUT:
For applications not requiring the use of the test clock, it can
be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the TEST_CLK to
ground.
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVPECL OUTPUT
All unused LVPECL outputs can be left floating. We
recommend that there is no trace attached. Both sides of the
differential output pair should either be left floating or
terminated.


Similar Part No. - ICS8430BI-71L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430BY-71 ICST-ICS8430BY-71 Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BY-71LF ICST-ICS8430BY-71LF Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BY-71LFT ICST-ICS8430BY-71LFT Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BY-71T ICST-ICS8430BY-71T Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BY71L ICST-ICS8430BY71L Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8430BI-71L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430B-71 RENESAS-8430B-71 Datasheet
429Kb / 20P
   700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer
November 30, 2015
84329B RENESAS-84329B Datasheet
616Kb / 19P
   700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
   700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com