Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8430BY-71 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8430BY-71
Description  700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430BY-71 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8430BY-71 Datasheet HTML 1Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 2Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 3Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 4Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 5Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 6Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 7Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 8Page - Integrated Circuit Systems ICS8430BY-71 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8430BY-71
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 20, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8430B-71
700MHZ, LOW JITTER, CRYSTAL INTERFACE/
LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS8430B-71 is a general purpose, dual out-
put Crystal/LVCMOS-to-3.3V Differential LVPECL
High Frequency Synthesizer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from ICS. The ICS8430B-71 has a se-
lectable crystal oscillator interface or LVCMOS TEST_CLK.
The VCO operates at a frequency range of 250MHz to
700MHz. With the output configured to divide the VCO
frequency by 2, output frequency steps as small as 2MHz
can be achieved using a 16MHz crystal or test clock. Output
frequencies up to 700MHz can be programmed using the
serial or parallel interfaces to the configuration logic. The low
jitter and frequency range of the ICS8430B-71 make it an
ideal clock generator for most clock tree applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS TEST_CLK
• Output frequency up to 700MHz
• Crystal input frequency range: 12MHz to 27MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 9ps (maximum)
• Cycle-to-cycle jitter: 25ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Replaces 8430-71
• Available in both standard and lead-free RoHS-compliant
packages
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL_OUT
TEST_CLK
XTAL_SEL
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
N2
VEE
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8430B-71
HiPerClockS™
ICS
OSC
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N2
VCO
PLL
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
÷ N
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
÷ 16
PHASE DETECTOR
MR
÷ 2
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS8430BY-71

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430BYI-71 ICST-ICS8430BYI-71 Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BYI-71LF ICST-ICS8430BYI-71LF Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BYI-71LFT ICST-ICS8430BYI-71LFT Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430BYI-71T ICST-ICS8430BYI-71T Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8430BY-71

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430I-71B ICST-ICS8430I-71B Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430B-71 RENESAS-8430B-71 Datasheet
429Kb / 20P
   700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer
November 30, 2015
84329B RENESAS-84329B Datasheet
616Kb / 19P
   700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
   700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com