Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8427DK-02 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8427DK-02
Description  500MHZ, LOW JITTER LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8427DK-02 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8427DK-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS8427DK-02 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
8427DY-02
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 17, 2006
5
Integrated
Circuit
Systems, Inc.
ICS8427-02
500MHZ, LOW JITTER
LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
Enabled
Disabled
nFOUT0:5
FOUT0:5
FIGURE 2. OE TIMING DIAGRAM
OE
nVCO
TABLE 3A. CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
E
OL
E
S
_
L
A
T
Xe
c
r
u
o
S
d
e
t
c
e
l
e
S5
T
U
O
F
:
0
T
U
O
F5
T
U
O
F
n
:
0
T
U
O
F
n
00
K
L
C
_
T
S
E
TW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
01
T
U
O
_
L
A
T
X
,
N
I
_
L
A
T
XW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
10
K
L
C
_
T
S
E
Td
e
l
b
a
n
Ed
e
l
b
a
n
E
11
T
U
O
_
L
A
T
X
,
N
I
_
L
A
T
Xd
e
l
b
a
n
Ed
e
l
b
a
n
E
e
g
d
e
O
C
V
g
n
il
l
a
f
d
n
a
g
n
i
s
i
r
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
E
O
r
e
t
f
A
n
i
n
w
o
h
s
s
a
.
2
e
r
u
g
i
F
VCO


Similar Part No. - ICS8427DK-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8427DK-02 RENESAS-ICS8427DK-02 Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
ICS8427DK-02LF RENESAS-ICS8427DK-02LF Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
ICS8427DK-02LFT RENESAS-ICS8427DK-02LFT Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
ICS8427DK-02T RENESAS-ICS8427DK-02T Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
More results

Similar Description - ICS8427DK-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
   500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
logo
Integrated Circuit Syst...
ICS8422004I ICST-ICS8422004I Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422002I ICST-ICS8422002I Datasheet
193Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004-01I ICST-ICS8422004-01I Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
8422002I-07 IDT-8422002I-07 Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430I-71B ICST-ICS8430I-71B Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430B-71 RENESAS-8430B-71 Datasheet
429Kb / 20P
   700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer
November 30, 2015
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8422002I-07 RENESAS-8422002I-07 Datasheet
532Kb / 19P
   Femtoclock™ Crystal-To-LVHSTL Frequency Synthesizer
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com