Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8430-51 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS8430-51
Description  600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430-51 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS8430-51 Datasheet HTML 5Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 6Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 7Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 8Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 9Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 10Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 11Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 12Page - Integrated Circuit Systems ICS8430-51 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8430AY-51
www.icst.com/products/hiperclocks.html
REV. D FEBRUARY 11, 2003
9
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8430-51
600MHZ, LOW JITTER
LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
The ICS8430-51 features an internal oscillator that uses an
external quartz crystal as the source of its reference frequency.
A 16MHz crystal divided by 16 before being sent to the phase
detector provides the reference frequency. The oscillator is a
series resonant, multi-vibrator type design. This design provides
better stability and eliminates the need for large on chip capacitors.
Though a series resonant crystal is preferred, a parallel resonant
crystal can be used. A parallel resonant mode crystal used in a
series resonant circuit will exhibit a frequency of oscillation a few
hundred ppm lower than specified. A few hundred ppm translates
to KHz inaccuracy. In general computing applications this level
of inaccuracy is irrelevant. If better ppm accuracy is required, an
external capacitor can be added to a parallel resonant crystal in
series to pin 24.
Figure 4A shows how to interface with a crystal.
Figures 4A, 4B, and 4C show various crystal parameters
which are recommended only as guidelines.
Figure 4A shows
how to interface a capacitor with a parallel resonant crystal.
Figure 3B shows the capacitor value needed for the optimum
FIGURE 4B. Recommended tuning capacitance for various parallel
resonant crystals.
FIGURE 4C. Recommended tuning capacitance for various
parallel resonant crystals.
14.318
15.000
16.667
24.000
19.440
20.000
0
10
20
30
40
50
60
14
15
16
17
18
19
20
21
22
23
24
25
Crystal Frequency (MHz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1020
30
4050
60
Series Capacitor, C1 (pF)
19.44MHz
16MHz
15.00MHz
CRYSTAL INPUT AND OSCILLATOR INTERFACE
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8430-51 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, and VCCO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 3 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 3. POWER SUPPLY FILTERING
10
V
CCA
10
µF
.01
µF
3.3V
.01
µF
V
CC
FIGURE 4A. CRYSTAL INTERFACE
Optional
XTAL2
(Pin 25, LQFP)
XTAL1
(Pin 24, LQFP)
ICS8430-51
ppm performance over various parallel resonant crystals.
Figure 4C shows the recommended tuning capacitance for
various parallel resonant crystals.


Similar Part No. - ICS8430-51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8430-51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430I-71B ICST-ICS8430I-71B Datasheet
169Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430B-71 RENESAS-8430B-71 Datasheet
429Kb / 20P
   700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer
November 30, 2015
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329B RENESAS-84329B Datasheet
616Kb / 19P
   700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
   700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com