Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-06 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS557G-06
Description  ONE TO FOUR HCSL CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557G-06 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS557G-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 8Page - Integrated Circuit Systems ICS557G-06 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MDS 557-06 C
5
Revision 010306
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS557-06
One to Four HCSL Clock Buffer
PCI-Express Layout Guidelines
PCI-Express Device Routing
Typical PCI-Express (HCSL)
Waveform
Common Recommendations for Differential Routing
Dimension or Value
Unit
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
RS
33
ohm
RT
49.9
ohm
Differential Routing on a Single PCB
Dimension or Value
Unit
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
Differential Routing to a PCI Express Connector
Dimension or Value
Unit
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max inch
R
S
R
S
R
T
R
T
PCI-Express
Load or
Connector
L1
L2
L3’
L4
L1’
L2’
L3
L4’
ICS557-06
Output
Clock
0.175 V
0.52 V
0.175 V
0.52 V
t
OR
t
OF
500 ps
500 ps
700 mV
0


Similar Part No. - ICS557G-06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS557G-06 IDT-ICS557G-06 Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
ICS557G-06LF IDT-ICS557G-06LF Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
ICS557G-06LFT IDT-ICS557G-06LFT Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
ICS557G-06T IDT-ICS557G-06T Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
More results

Similar Description - ICS557G-06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT163344A RENESAS-IDT74FCT163344A Datasheet
252Kb / 8P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
Maxim Integrated Produc...
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
   One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N5573 ONSEMI-NB3N5573 Datasheet
114Kb / 7P
   3.3V, Crystal - To- HCSL Clock Generator
August, 2007 - Rev. 1
logo
Integrated Device Techn...
ICS841608AKIT IDT-ICS841608AKIT Datasheet
397Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com