Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557-08 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS557-08
Description  2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-08 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS557-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 9Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 10Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MDS 557-08 C
10
Revision 021606
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS557-08
2:1 Multiplexer Chip for PCI-Express
Package Outline and Package Dimensions (16-pin TSSOP, 173 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS557G-08
See Page 9
Tubes
16-pin TSSOP
0 to +70
° C
ICS557G-08T
Tape and Reel
16-pin TSSOP
0 to +70
° C
ICS557G-08LF
Tubes
16-pin TSSOP
0 to +70
° C
ICS557G-08LFT
Tape and Reel
16-pin TSSOP
0 to +70
° C
ICS557GI-08
See Page 9
Tubes
16-pin TSSOP
-40 to +85
° C
ICS557GI-08T
Tape and Reel
16-pin TSSOP
-40 to +85
° C
ICS557GI-08LF
Tubes
16-pin TSSOP
-40 to +85
° C
ICS557GI-08LFT
Tape and Reel
16-pin TSSOP
-40 to +85
° C
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS557-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS557-08 RENESAS-ICS557-08 Datasheet
321Kb / 13P
   2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
112111
More results

Similar Description - ICS557-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS557-08 RENESAS-ICS557-08 Datasheet
321Kb / 13P
   2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
112111
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
CBTU0808 PHILIPS-CBTU0808 Datasheet
91Kb / 16P
   Dual lane PCI Express port multiplexer
Rev. 01-2 June 2006
CBTU0808 NXP-CBTU0808 Datasheet
104Kb / 17P
   Dual lane PCI Express port multiplexer
Rev. 02-6 September 2007
logo
Renesas Technology Corp
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
   Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
logo
Axiomtek Co., Ltd.
EBOX639-830-FL AXIOMTEK-EBOX639-830-FL_16 Datasheet
324Kb / 1P
   2 PCI slots and 1 internal PCI Express Mini Card slot
EBOX639-825-FL AXIOMTEK-EBOX639-825-FL Datasheet
401Kb / 1P
   2 PCI slots and 1 internal PCI Express Mini Card slot
EBOX639-825-FL AXIOMTEK-EBOX639-825-FL_16 Datasheet
360Kb / 1P
   2 PCI slots and 1 internal PCI Express Mini Card slot
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com