Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3A106 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 3A106
Description  106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3A106 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  3A106 Datasheet HTML 1Page - Integrated Circuit Systems 3A106 Datasheet HTML 2Page - Integrated Circuit Systems 3A106 Datasheet HTML 3Page - Integrated Circuit Systems 3A106 Datasheet HTML 4Page - Integrated Circuit Systems 3A106 Datasheet HTML 5Page - Integrated Circuit Systems 3A106 Datasheet HTML 6Page - Integrated Circuit Systems 3A106 Datasheet HTML 7Page - Integrated Circuit Systems 3A106 Datasheet HTML 8Page - Integrated Circuit Systems 3A106 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
843AG-106
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
1
Integrated
Circuit
Systems, Inc.
ICS843-106
106.25MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
GENERAL DESCRIPTION
The ICS843-106 is a Fibre Channel Dual
Output Oscillator and a member of the
HiPerClocksTM family of high perfor mance
devices from ICS. The ICS843-106 uses a
25MHz crystal to synthesize 106.25MHz.
The ICS843-106 has excellent jitter performance. The
ICS843-106 is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space.
FEATURES
• One LVCMOS/LVTTL output, 15Ω output impedance
One LVPECL output pair
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequency: 106.25MHz
• Random jitter: 3ps (typical)
• Deterministic jitter: 0.24ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS843-106
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VCC
XTAL_IN
XTAL_OUT
VEE
1
2
3
4
Q1
nQ1
VCCO
Q0
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
Clock
Synthesizer
XTAL_IN
XTAL_OUT
Q0
25MHz
LVCMOS
106.25MHz
Q1
nQ1
LVPECL
106.25MHz
ICS843-106
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View


Similar Part No. - 3A106

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
3A100 TSC-3A100 Datasheet
176Kb / 4P
   3A, 600V - 1000V Glass Passivated Rectifiers
More results

Similar Description - 3A106

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843-75 ICST-ICS843-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
   LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Integrated Device Techn...
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
   Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
   2.5V LVPECL Output Oscillator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com