Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

556M04IL Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 556M04IL
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

556M04IL Datasheet(HTML) 3 Page - Integrated Circuit Systems

  556M04IL Datasheet HTML 1Page - Integrated Circuit Systems 556M04IL Datasheet HTML 2Page - Integrated Circuit Systems 556M04IL Datasheet HTML 3Page - Integrated Circuit Systems 556M04IL Datasheet HTML 4Page - Integrated Circuit Systems 556M04IL Datasheet HTML 5Page - Integrated Circuit Systems 556M04IL Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 556-04 C
3
Revision 030905
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS556-04
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS556-04. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=2.5 V ±5%, Ambient temperature -40 to +85
°C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7 V
Output Enable and All Outputs
-0.5 V to VDD+0.5 V
ICLK
-0.5 V to 5.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+2.375
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply Current
IDD
No load, 27MHz
25
mA
Nominal Output Impedance
ZO
20
Short Circuit Current
IOS
±28
mA


Similar Part No. - 556M04IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
556M-04ILF RENESAS-556M-04ILF Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
556M-04ILFT RENESAS-556M-04ILFT Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Illinois Capacitor, Inc...
556MER250K ILLINOISCAPACITOR-556MER250K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
556MER350K ILLINOISCAPACITOR-556MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
556MER400K ILLINOISCAPACITOR-556MER400K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
More results

Similar Description - 556M04IL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com