Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843AM-75T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843AM-75T
Description  75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843AM-75T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843AM-75T Datasheet HTML 1Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 2Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 3Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 4Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 5Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 6Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 7Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 8Page - Integrated Circuit Systems ICS843AM-75T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
843AG-75
www.icst.com/products/hiperclocks.html
REV. A JANUARY 9, 2006
1
Integrated
Circuit
Systems, Inc.
ICS843-75
75MHZ, LVCMOS, LVPECL
DUAL OUTPUT OSCILLATOR
GENERAL DESCRIPTION
The ICS843-75 is a SAS/SATA Dual Output
Oscillator and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS843-75 uses a 25MHz crystal to
synthesiz e 75MHz. The ICS843-75 has
excellent jitter performance. The ICS843-75 is packaged
in a small 8-pin TSSOP, making it ideal for use in systems
with limited board space.
FEATURES
• One LVCMOS/LVTTL output, 15Ω output impedence
One LVPECL output pair
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequency: 75MHz
• Random jitter: 3.07ps (maximum)
• Deterministic jitter: 0.13ps (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS843-75
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VCC
XTAL_IN
XTAL_OUT
VEE
1
2
3
4
Q1
nQ1
VCCO
Q0
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
Clock
Synthesizer
XTAL_IN
XTAL_OUT
Q0
25MHz
LVCMOS
75MHz
Q1
nQ1
LVPECL
75MHz
ICS843-75
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View


Similar Part No. - ICS843AM-75T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843AM-106 ICST-ICS843AM-106 Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-106LF ICST-ICS843AM-106LF Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-106LFT ICST-ICS843AM-106LFT Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-106T ICST-ICS843AM-106T Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843AM-I75LFT ICST-ICS843AM-I75LFT Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
More results

Similar Description - ICS843AM-75T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843-106 ICST-ICS843-106 Datasheet
192Kb / 12P
   106.25MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS83032I ICST-ICS83032I Datasheet
140Kb / 10P
   75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
   LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com