Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS552A-01 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS552A-01
Description  Oscillator, Multiplier, and Buffer with 8 Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552A-01 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS552A-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS552A-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Oscillator, Multiplier, and Buffer with 8 Outputs
MDS 552A-01 B
9
Revision 010906
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS552A-01
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V or 5 V, Ambient Temperature -40 to +85
° C
Thermal Characteristics
Operating Supply Current
IDD
at 3.3 V, no load, 25
MHz in, x4
35
mA
Operating Supply Current
IDD
at 5 V, no load, 25 MHz
in, x4
59
mA
Power-down Supply
Current
IDD
S3:S0 = 0 (GND)
55
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
10
27
MHz
Input clock
10
27
MHz
Output Rise Time
tOR
0.8 to 2.0 V
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V
1.5
ns
Duty Cycle
at VDD/2
40
50
60
%
Output-to-Output Skew
All modes, Rising
edges at VDD/2
250
ps
Absolute Jitter
Mode A, Deviation from
Mean
±75
ps
One Sigma Clock Period Jitter
Mode A
25
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
135
°C/W
θ
JA
1 m/s air flow
93
°C/W
θ
JA
3 m/s air flow
78
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - ICS552A-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS552A-01 IDT-ICS552A-01 Datasheet
165Kb / 11P
   OSCILLATOR, MULTIPLIER,
logo
Renesas Technology Corp
ICS552A-01 RENESAS-ICS552A-01 Datasheet
402Kb / 12P
   OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results

Similar Description - ICS552A-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS55201-01 ICST-ICS55201-01 Datasheet
178Kb / 10P
   Oscillator, Multiplier, and Buffer with 8 Outputs
logo
Renesas Technology Corp
ICS552A-01 RENESAS-ICS552A-01 Datasheet
402Kb / 12P
   OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
ICS552-01 RENESAS-ICS552-01 Datasheet
282Kb / 12P
   OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
   Crystal Oscillator & Multiplier with 8 Low Skew Outputs
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
   Crystal Oscillator & Multiplier with 8 Low Skew Outputs
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
   MULTIPLIER AND ZERO DELAY BUFFER
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
   Multiplier and Zero Delay Buffer
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com