Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS840AG-75LFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS840AG-75LFT
Description  75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840AG-75LFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS840AG-75LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS840AG-75LFT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
840AG-75
www.icst.com/products/hiperclocks.html
REV A. NOVEMBER 7, 2005
7
Integrated
Circuit
Systems, Inc.
ICS840-75
75MHZ, LVCMOS/LVTTL
OSCILLATOR REPLACEMENT
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS840-75 is: 2423
TABLE 7A.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W
TABLE 7B.
θ
JA
VS
. AIR FLOW TABLE 8 LEAD SOIC
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.


Similar Part No. - ICS840AG-75LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840AG-77 ICST-ICS840AG-77 Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840AG-77LF ICST-ICS840AG-77LF Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840AG-77LFT ICST-ICS840AG-77LFT Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840AG-77T ICST-ICS840AG-77T Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
More results

Similar Description - ICS840AG-75LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840-77 ICST-ICS840-77 Datasheet
169Kb / 9P
   77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840-125 ICST-ICS840-125 Datasheet
166Kb / 9P
   125MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS83032I ICST-ICS83032I Datasheet
140Kb / 10P
   75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
ICS843I-75 ICST-ICS843I-75 Datasheet
192Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
ICS843-75 ICST-ICS843-75 Datasheet
191Kb / 12P
   75MHZ, LVCMOS, LVPECL DUAL OUTPUT OSCILLATOR
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
ICS87001-01 IDT-ICS87001-01 Datasheet
717Kb / 12P
   LVCMOS/LVTTL CLOCK DIVIDER
logo
Renesas Technology Corp
ICS87001I-01 RENESAS-ICS87001I-01 Datasheet
579Kb / 15P
   LVCMOS/LVTTL Clock Divider
JANUARY 23, 2013
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
ICS87001-01 RENESAS-ICS87001-01 Datasheet
525Kb / 14P
   LVCMOS/LVTTL Clock Divider
JULY 2, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com