Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3025SO28A Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # V3025SO28A
Description  17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3025SO28A Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button V3025SO28A Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3025SO28A Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
R
V3025
Copyright © 2004, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Pin Description
SO28 Package
Pin
Name
Description
1
SYNC
Time synchronization
I
2
PFI
Power fail
I
3
AD0
Bit 0 from MUX address /
data bus
I/O
4
AD1
Bit 1 from MUX address /
data bus
I/O
5
AD2
Bit 2 from MUX address /
data bus
I/O
6
AD3
Bit 3 from MUX address /
data bus
I/O
7
A
/D
Address / data decode
I
8
IRQ
Interrupt request
O
9
VOUT
Switch-over output
O
10-14
VSS
Supply ground (substrate)
GND
15-19
VDD
Positive supply terminal
PWR
20
PFO
Power fail output
O
21
CS
Chip select
I
22
WR
WR
(Intel) or R/ W
(Motorola)
I
23
RD
RD
(Intel) or DS (Motorola)
I
24
AD4
Bit 4 from MUX address /
data bus
I/O
25
AD5
Bit 5 from MUX address /
data bus
I/O
26
AD6
Bit 6 from MUX address /
data bus
I/O
27
AD7
Bit 7 from MUX address /
data bus
I/O
28
VBAT
Battery supply
PWR
Table 5
Functional Description
Power Supply, Data Retention and Standby
The V3025 is put in standby mode by activating the PFI
input. When pulled logic low, PFI will disable the input
lines, and immediately take to high impedance the lines
AD 0-7. Input states must be under control whenever
PFI
is deactivated. If no specific power fail signal can be
provided, PFI can be tied to the system RESET . Even
in standby the interrupt request pin IRQ will pull to ground
upon an unmasked alarm interrupt occurring.
Switch-over
The switch-over supplies the core of the RTC. The I/O
pads are supplied by VDD, except for IRQ and SYNC .
The SYNC input is internally pulled-up to VOUT, IRQ can
be externally pulled-up between 2 and 5.5V. The switch-
over circuitry works in recovery mode. During switching,
both transistors (VDD to VOUT and VBAT to VOUT) are ON.
This is to guarantee that the RTC is always supplied. The
power fail signal becomes active ( PFO = 0) when VDD <
VBAT (see Table 4).
Initialisation
When power is first applied to the V3025 all registers have
a random value.
To initialise the V3025, software must first write a 1 to the
initialisation bit (addr. 2 bit 4) and then a 0. This sets the
Frequency Tuning bit and clears all other status bits.
The time and date parameters should then be loaded into
the RAM (addr. 20 to 28 hex) and then transferred to the
reserved clock area using the clock command followed by
a write.
The digital trimming register must then be initialised
by writing 210 (D2 hex) to it, if Frequency Tuning is
not required.
After having written a value to the
digital trimming register the frequency tuning mode
bit can be cleared.
RAM Configuration
The RAM area of the V3025 has a reserved clock and
time area, a data space, user RAM and an address
command space (see Table 10 or Fig. 10). The reserved
clock and timer area is not directly accessible to the user,
it is used for internal time keeping and contains the
current time and date plus the timer parameters.
Data Space
All locations in the data space are Read/Write. The data
space is directly accessible to the user and is divided into
five areas:
Status Registers
– three registers used for status and
control data for the device (see Table 7, 8 and 9).
Reserved bits must be set to 0.
Digital Trimming Register
– a special function described
under "Frequency Tuning".
Time and Date Registers
– 9 time and date locations
which are loaded with, either the current time and date
parameters from the reserved clock area or the time and
date parameters to be transferred to the reserved clock
area.
Alarm Registers
– 5 locations used for setting the alarm
parameters.
Timer Registers
– 4 locations which are loaded with
either the timer parameters from the reserved timer area
or the timer parameters to be transferred to the reserved
timer area.
User RAM
The V3025 has 16 bytes of general purpose RAM
available for the users applications. This RAM block is
located at addresses 50 to 5F hex and is maintained even
in the standby mode ( PFI active). The commands, or the
time set lock bit, have no effect on the user RAM block.
Reading or writing to the user RAM is similar to reading or
writing to any system RAM address.


Similar Part No. - V3025SO28A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
V30200C VISHAY-V30200C Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - V3025SO28A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com