Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS93C46D Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS93C46D
Description  1-KBIT SERIAL ELECTRICALLY ERASABLE PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46D Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS93C46D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. 00G
01/15/07
IS93C46D
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C for Industrial and –40°C to +125°C for Automotive.
Symbol
Parameter
Test Conditions
Vcc
Min.
Max.
Unit
VOL2
Output LOW Voltage
IOL = 100 µA
1.8V to 2.7V
0.2
V
VOL1
Output LOW Voltage
IOL = 2.1mA
2.7V to 5.5V
0.4
V
VOH2
Output HIGH Voltage
IOH = –100 µA
1.8V to 2.7V
VCC – 0.2
V
VOH1
Output HIGH Voltage
IOH = –400 µA
2.7V to 5.5V
2.4
V
VIH
Input HIGH Voltage
1.8V to 2.7V
0.7XVCC
VCC+1
V
2.7V to 5.5V
2.0
VCC+1
VIL
Input LOW Voltage
1.8V to 2.7V
–0.3
0.2XVCC
V
2.7V to 5.5V
–0.3
0.8
ILI
Input Leakage
VIN = 0V to VCC (CS, SK,DIN,ORG)
0
2.5
µA
ILO
Output Leakage
VOUT = 0V to VCC, CS = 0V
0
2.5
µA
Notes:
Automotive grade devices in this table are tested with Vcc = 2.5V to 5.5V and 4.5V to 5.5V. An operation with Vcc <2.5V is not specified.
POWER SUPPLY CHARACTERISTICS
TA = –40°C to +85°C for Industrial, –40°C to +125°C for Automotive.
Symbol
Parameter
Test Conditions
Vcc
Min.
Typ. Max.
Unit
ICC1
Vcc Read Supply Current
CS = VIH, SK = 1 MHz, CMOS input levels
1.8V
0.1
1
mA
CS = VIH, SK = 2 MHz, CMOS input levels
2.5V
0.2
1
mA
CS = VIH, SK = 2 MHz, CMOS input levels
5.0V
0.5
2
mA
ICC2
Vcc Write Supply Current
CS = VIH, SK = 1 MHz, CMOS input levels
1.8V
0.5
1
mA
CS = VIH, SK = 2 MHz, CMOS input levels
2.5V
1
2
mA
CS = VIH, SK = 2 MHz, CMOS input levels
5.0V
2
3
mA
ISB1
Standby Current
CS = GND, SK = GND
1.8V
0.1
1
µA
ORG = Vcc or Floating (x16)
2.5V
0.1
2
µA
DIN = Vcc or GND
5.0V
0.2
4
µA
ISB2
Standby Current
CS = GND, SK = GND
1.8V
6
10
µA
ORG = GND (x8)
2.5V
6
10
µA
DIN = Vcc or GND
5.0V
10
15
µA


Similar Part No. - IS93C46D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com