Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2822F Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2822F
Description  ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2822F Datasheet(HTML) 2 Page - New Japan Radio

  NJM2822F Datasheet HTML 1Page - New Japan Radio NJM2822F Datasheet HTML 2Page - New Japan Radio NJM2822F Datasheet HTML 3Page - New Japan Radio NJM2822F Datasheet HTML 4Page - New Japan Radio NJM2822F Datasheet HTML 5Page - New Japan Radio NJM2822F Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM2820, NJM2821, NJM2822
- 2 -
■ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Cathode Voltage
VKA
14
V
Continuous Cathode Current
IK
-30
∼ 50
mA
Reference Input Current
IREF
-10
∼ 0.05
mA
Power Dissipation
PD
(MTP5)
200
mW
Operating Temperature Range
TOPR
-40
∼ +85
°C
Storage Temperature Range
TSTG
-40
∼ +150
°C
■RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Cathode Voltage
VKA
VREF
13
V
Cathode Current
IK
0.5
30
mA
■ELECTRICAL CHARACTERISTICS (IK=1mA,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
VKA=VREF
(*1)
1241
1250
1259
mV
VREF
≤VKA≤5V
(*2)
±2.7
mV/V
Reference Voltage
Change vs. Cathode
Voltage Change
∆VREF/
∆VKA
5V
≤VKA≤13V
(*2)
±2.0
mV/V
Reference Input Current
IREF
R1=10kΩ, R2=∞
(*2)
2.0
4.0
uA
Minimum Input Current
IMIN
VKA=VREF, ∆VREF=1% (*1)
80
500
uA
Cathode Current
(Off Cond.)
IOFF
VKA=13V, VREF=0V
(*3)
0.01
1.0
uA
Dynamic Impedance
ZKA VKA= VREF, f
≤1kHz
0.5mA
≤IK≤30mA
(*1)
0.12
■TEMPERATURE CHARACTERISTICS (IK=1mA,Ta=-40°C
∼ 85°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
Change
∆VREF
VKA=VREF
(*1)
±10
mV
Reference Input Current
Change
∆IREF
R1=10kΩ,R2=∞
(*2)
0.5
uA
VREF···Reference voltage includes error.
(*1): Test Circuit (Fig.1)
(*2): Test Circuit (Fig.2)
(*3): Test Circuit (Fig.3)
In case of NJM2822, all electrical characteristics are measured referencing to the anode terminal of PIN 5.


Similar Part No. - NJM2822F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2825 NJRC-NJM2825 Datasheet
112Kb / 5P
   Precision Micropower Shunt Voltage Reference
NJM2825 NJRC-NJM2825 Datasheet
136Kb / 6P
   Precision Micropower Shunt Voltage Reference
NJM2825F NJRC-NJM2825F Datasheet
112Kb / 5P
   Precision Micropower Shunt Voltage Reference
NJM2825F NJRC-NJM2825F Datasheet
136Kb / 6P
   Precision Micropower Shunt Voltage Reference
NJM2825F-TE1 NJRC-NJM2825F-TE1 Datasheet
136Kb / 6P
   Precision Micropower Shunt Voltage Reference
More results

Similar Description - NJM2822F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
   Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com