Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL27024SZ-HB Datasheet(PDF) 3 Page - International Rectifier

Part # AFL27024SZ-HB
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27024SZ-HB Datasheet(HTML) 3 Page - International Rectifier

  AFL27024SZ-HB Datasheet HTML 1Page - International Rectifier AFL27024SZ-HB Datasheet HTML 2Page - International Rectifier AFL27024SZ-HB Datasheet HTML 3Page - International Rectifier AFL27024SZ-HB Datasheet HTML 4Page - International Rectifier AFL27024SZ-HB Datasheet HTML 5Page - International Rectifier AFL27024SZ-HB Datasheet HTML 6Page - International Rectifier AFL27024SZ-HB Datasheet HTML 7Page - International Rectifier AFL27024SZ-HB Datasheet HTML 8Page - International Rectifier AFL27024SZ-HB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.irf.com
3
AFL50XXS Series
Static Characteristics (Continued)
For Notes to Specifications, refer to page 4
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT CURRENT
No Load
Inhibit 1
Inhibit 2
1
2, 3
1, 2, 3
1, 2, 3
VIN = 50 Volts
IOUT = 0
Pin 4 Shorted to Pin 2
Pin 12 Shorted to Pin 8
50
60
5
5
mA
mA
mA
mA
INPUT RIPPLE CURRENT
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 50 Volts, 100% Load, BW = 10MHz
60
60
60
60
60
60
mApp
mApp
mApp
mApp
mApp
mApp
CURRENT LIMIT POINT
As a percentage of full rated load
1
2
3
VOUT = 90% VNOM , VIN = 50 Volts
Note 5
115
105
125
125
115
140
%
%
%
LOAD FAULT POWER DISSIPATION
Overload or Short Circuit
1, 2, 3
V
IN = 50 Volts
32
W
EFFICIENCY
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
V
IN = 50 Volts, 100% Load
78
79
80
81
82
82
81
82
83
84
85
84
%
%
%
%
%
%
ENABLE INPUTS (Inhibit Function)
Converter Off
Sink Current
Converter On
Sink Current
1, 2, 3
1, 2, 3
Logical Low on Pin 4 or Pin 12
Note 1
Logical High on Pin 4 and Pin 12 - Note 9
Note 1
-0.5
2.0
0.8
100
50
100
V
µA
V
µA
SWITCHING FREQUENCY
1, 2, 3
500
550
600
KHz
SYNCHRONIZATION INPUT
Frequency Range
Pulse Amplitude, Hi
Pulse Amplitude, Lo
Pulse Rise Time
Pulse Duty Cycle
1, 2, 3
1, 2, 3
1, 2, 3
Note 1
Note 1
500
2.0
-0.5
20
700
10
0.8
100
80
KHz
V
V
nSec
%
ISOLATION
1
Input to Output or Any Pin to Case
(except Pin 3). Test @ 500VDC
100
M
DEVICE WEIGHT
Slight Variations with Case Style
85
gms
MTBF
MIL-HDBK-217F, AIF @ TC = 40°C
300
KHrs


Similar Part No. - AFL27024SZ-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27028S IRF-AFL27028S Datasheet
458Kb / 16P
   270V Input, Single Output
AFL27028S IRF-AFL27028S Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SWES IRF-AFL27028SWES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SWHB IRF-AFL27028SWHB Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SXES IRF-AFL27028SXES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27024SZ-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com