Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-104-DFF-D249 Datasheet(PDF) 10 Page - Vectron International, Inc

Part # FX-104-DFF-D249
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-104-DFF-D249 Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button FX-104-DFF-D249 Datasheet HTML 4Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 5Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 6Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 7Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 8Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 9Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 10Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 11Page - Vectron International, Inc FX-104-DFF-D249 Datasheet HTML 12Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FX-104 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Input 1
Input 2
Input 3
Input 4
Output
12.8 MHz
----
----
----
622.08 MHz
19.44 MHz
51.84 MHz
155.52 MHz
----
622.08 MHz
22.2171 MHz
44.4343 MHz
77.76 MHz
----
622.08 MHz
8 kHz
22.2171 MHz
155.52 MHz
----
622.08 MHz
8 kHz
19.44 MHz
77.76 MHz
155.52 MHz
622.08 MHz
10 MHz
155.52 MHz
----
----
622.08 MHz
19.44 MHz
38.88 MHz
77.76 MHz
155.52 MHz
622.08 MHz
22.217142 MHz
----
----
----
622.08 MHz
125 MHz
----
----
----
625.00 MHz
156.25 MHz
----
----
----
625.00 MHz
20.1416 MHz
----
----
----
644.5313 MHz
161.1328 MHz
----
----
----
644.5313 MHz
19.44 MHz
38.88 MHz
77.76 MHz
----
666.5143 MHz
22.2171 MHz
----
----
----
666.5143 MHz
77.76 MHz
----
----
----
666.5143 MHz
20.1416 MHz
----
----
----
690.5692 MHz
Other Standard Input / Output Combinations
The combinations above are just a small sample of
what is possible with the FX-104 series.
The FX-104 uses Vectron International’s VS-500
VCSO and as such can support any output frequency
that is available with the VS-500. The list below shows
the available frequencies for the VS-500.
Vectron International will support all FEC rates for
SONET, 10 GigB and 10.3125 GigB applications. If
you do not see a frequency option listed that you
need, please contact the factor y.
When ordering FEC rates, we ask that you also include
the FEC ratio (e.g. 255/237 x OC-3, 237/236 x OC-
3,etc....) for both the input and output frequencies.
155.5200
177.7371
625.0000
669.1281
765.5906
156.2500
311.0400
627.3296
669.3265
767.2500
161.1328
622.0800
644.5313
690.5692
777.6000
166.6286
624.7048
666.5143
719.73439
VS-500 Available Frequencies (MHz)


Similar Part No. - FX-104-DFF-D249

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
1Mb / 11P
   Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results

Similar Description - FX-104-DFF-D249

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com