Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA3SE02 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3SE02
Description  Schottky Barrier Diodes (SBD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3SE02 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3SE02 Datasheet HTML 1Page - Panasonic Semiconductor MA3SE02 Datasheet HTML 2Page - Panasonic Semiconductor MA3SE02 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00067AED
MA3SE02
Silicon epitaxial planar type
For cellular phone
I Features
• High-frequency wave detection is possible
• Low forward voltage V
F
• Small terminal capacitance C
t
• SS-Mini type 3-pin package
I Absolute Maximum Ratings T
a = 25°C
Marking Symbol: M6B
I Absolute Maximum Ratings T
a = 25°C ± 3°C
Internal Connection
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR
= 15 V
200
nA
Forward voltage (DC)
VF1
IF
= 1 mA
0.40
V
VF2
IF = 35 mA
1.0
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
1.2
pF
Forword dynamic resistance
rf
IF
= 5 mA
9
12
3
1 : Anode 1
2 : Cathode 2
3 : Cathode 1
Anode 2
EIAJ : SC-89
SSMini3-F2 Package
Unit: mm
0.28±0.05
3
12
0.28±0.05
(0.80)
1.60
+0.05
–0.03
0.12
+0.05
–0.02
0.60
+0.05
–0.03
(0.80)
(0.51)
(0.51)
3
°
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
20
V
Peak reverse voltage
VRM
20
V
Forward current (DC)
Single
IF
35
mA
Series
25
Peak forward current
Single
IFM
100
mA
Series
70
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note) 1. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
2. Rated input/output frequency: 2 GHz


Similar Part No. - MA3SE02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3S132A PANASONIC-MA3S132A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
MA3S132A PANASONIC-MA3S132A Datasheet
106Kb / 4P
   Silicon epitaxial planar type
MA3S132D PANASONIC-MA3S132D Datasheet
47Kb / 2P
   Silicon epitaxial planar type
MA3S132K PANASONIC-MA3S132K Datasheet
47Kb / 2P
   Silicon epitaxial planar type
MA3S132K PANASONIC-MA3S132K Datasheet
106Kb / 4P
   Silicon epitaxial planar type
More results

Similar Description - MA3SE02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
   Schottky Barrier Diodes (SBD)
MA784 PANASONIC-MA784 Datasheet
73Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2YD15 PANASONIC-MA2YD15 Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA704WA PANASONIC-MA704WA Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2SE01 PANASONIC-MA2SE01 Datasheet
74Kb / 3P
   Schottky Barrier Diodes (SBD)
MA27784 PANASONIC-MA27784 Datasheet
84Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2D760 PANASONIC-MA2D760 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (SBD)
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
   Schottky Barrier Diodes (SBD)
MA2Q705 PANASONIC-MA2Q705 Datasheet
44Kb / 2P
   Schottky Barrier Diodes (SBD)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com