Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1893AG Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1893AG
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AG Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1893AG Datasheet HTML 6Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 7Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 8Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 9Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 10Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 11Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 12Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 13Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
10
Chapter 1 Abbreviations and Acronyms
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 1 Abbreviations and Acronyms
Table 1-1 lists and interprets the abbreviations and acronyms used throughout this data sheet.
Table 1-1. Abbreviations and Acronyms
Abbreviation /
Acronym
Interpretation
4B/5B
4-Bit / 5-Bit Encoding/Decoding
ANSI
American National Standards Institute
CMOS
complimentary metal-oxide semiconductor
CSMA/CD
Carrier Sense Multiple Access with Collision Detection
CW
Command Override Write
DSP
digital signal processing
ESD
End-of-Stream Delimiter
FDDI
Fiber Distributed Data Interface
FLL
frequency-locked loop
FLP
Fast Link Pulse
IDL
A ‘dead’ time on the link following a 10Base-T packet, not to be confused with idle
IEC
International Electrotechnical Commission
IEEE
Institute of Electrical and Electronic Engineers
ISO
International Standards Organization
LH
Latching High
LL
Latching Low
LMX
Latching Maximum
MAC
Media Access Control
Max.
maximum
Mbps
Megabits per second
MDI
Media Dependent Interface
MF
Management Frame
MII
Media Independent Interface
Min.
minimum
MLT-3
Multi-Level Transition Encoding (3 Levels)
N/A
Not Applicable
NLP
Normal Link Pulse
No.
Number
NRZ
Not Return to Zero
NRZI
Not Return to Zero, Invert on one


Similar Part No. - ICS1893AG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893AF ICST-ICS1893AF Datasheet
170Kb / 12P
   3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILF RENESAS-ICS1893AFILF Datasheet
1Mb / 137P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
ICS1893AFILFT RENESAS-ICS1893AFILFT Datasheet
1Mb / 137P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
More results

Similar Description - ICS1893AG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
   10Base-T/100Base-TX Integrated PHYceiver-TM
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com