Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS527-02 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS527-02
Description  Clock Slicer User Configurable PECL Input Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS527-02 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS527-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Clock Slicer User Configurable PECL Input Zero Delay Buffer
MDS 527-02 F
2
Revision 022806
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS527-02
Pin Assignment
28-pin 150 mil body SSOP
Output Frequency Range Table
CLK2 Operation Table
Pin Descriptions
18
7
17
8
16
9
15
PE C L IN
10
PE C L IN
11
GN D
12
CL K 2
13
OE C L K 2
14
F0
GN D
PDTS
FB IN
F1
F6
F4
F2
F5
22
21
20
19
F3
CL K 1
5
6
S1
VD D
VDD
24
23
R0
3
4
DIV 2
S0
R1
26
25
R2
1
2
R5
R6
R3
28
27
R4
S1 S0
Output Frequency (MHz)
Commercial
Industrial
0
0
10 - 50
16 - 45
0
1
5 - 40
8 - 33
1
0
4 - 10
4 - 8
1
1
20 -160
32 - 140
OECLK2
DIV2
CLK2
0X
Z
1
0
SYNC
11
CLK1/2
Pin
Number
Pin
Name
Pin
Type
Pin Description
1,2, 24-28
R5, R6,
R0-R4
Input
Reference divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up.
3
DIV2
Input
Selects CLK2 function to output a SYNC signal or a divide by 2 of CLK1 based
on the table above. Internal pull-up.
4, 5
S0, S1
Input
Select pins for output divider determined by user. See table above. Internal
pull-up.
6, 23
VDD
Power
Connect to +3.3 V.
7
PECLIN
Input
True PECL input clock.
8
PECLIN
Input
Complementary PECL input clock.
9, 20
GND
Power
Connect to ground
10
OECLK2
Input
CLK2 Output Enable. CLK2 tri-stated when low. Internal pull-up.
11-17
F0-F6
Input
Feedback divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up
18
FBIN
Input
Feedback clock input
19
PDTS
Input
Power Down. Active low. Turns off entire chip when low, both clock outputs are
tri-stated. Internal pull-up.
21
CLK2
Output
Output clock 2. Can be SYNC pulse or a low skew divide by 2 of CLK1.
22
CLK1
Output
Output clock 1.


Similar Part No. - ICS527-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
More results

Similar Description - ICS527-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com