Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS525R-04 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS525R-04
Description  OSCaR-TM User Configurable PECL Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525R-04 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS525R-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS525R-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS525R-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS525R-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS525R-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS525R-04 Datasheet HTML 6Page - Integrated Circuit Systems ICS525R-04 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OSCaRTM User Configurable PECL Clock
MDS 525-04 B
5
Revision 091802
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 295-9800 www.icst.com
ICS525-04
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS525-04. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±10%, Ambient Temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
175
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature, ICS525R-04
0
+70
°C
Ambient Operating Temperature, ICS525R-04I
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Supply Current
IDD
15 MHz in, 60MHz out,
no load
34
mA
15MHz in, 60MHz out,
VDD = 5V
60
mA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
X1/ICLK only
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
X1/ICLK only
VDD/2
VDD/2-1
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V


Similar Part No. - ICS525R-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525R-02I ICST-ICS525R-02I Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525R-02I ICST-ICS525R-02I Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILF ICST-ICS525R-02ILF Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILFT ICST-ICS525R-02ILFT Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02IT ICST-ICS525R-02IT Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
More results

Similar Description - ICS525R-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com