Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS487G-25 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS487G-25
Description  Quad PLL for DTV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS487G-25 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS487G-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS487G-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS487G-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS487G-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS487G-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS487G-25 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Quad PLL for DTV
MDS 487-25 A
3
Revision 050604
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS487-25
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS487-25 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between each VDD and the PCB ground plane.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors
must be connected from each of the pins X1 and X2 to
ground.
The value (in pF) of these crystal caps should equal
(CL -6 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 20
pF [(16-6) x 2] = 20.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitors should be
mounted on the component side of the board as close
to the VDD pin as possible. No vias should be used
between the decoupling capacitors and VDD pins. The
PCB trace to VDD pins should be kept as short as
possible, as should the PCB trace to the ground via.
2) The external crystal should be mounted just next to
the device with short traces. The X1 and X2 traces
should not be routed next to each other with minimum
spaces, instead they should be separated and away
from other traces.
3) To minimize EMI, the 33
Ω series termination resistor
(if needed) should be placed close to the clock output.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the ICS487-25. This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS487-25. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C


Similar Part No. - ICS487G-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
   QUAD PLL FOR DTV
092109
More results

Similar Description - ICS487G-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
   QUAD PLL FOR DTV
092109
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
   Quad PLL with VCXO for HDTV
logo
Renesas Technology Corp
ICS477-05 RENESAS-ICS477-05 Datasheet
364Kb / 9P
   QUAD PLL WITH VCXO FOR HDTV
062404
logo
AverLogic Technologies ...
AL600 AVERLOGIC-AL600 Datasheet
749Kb / 5P
   DTV Controller
logo
NXP Semiconductors
TFF1044HN NXP-TFF1044HN Datasheet
365Kb / 27P
   Integrated mixer oscillator PLL for satellite quad LNB
Rev. 1-10 June 2015
logo
Renesas Technology Corp
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
   QUAD PLL CLOCK SYNTHESIZER
012005
logo
GENESYS LOGIC
GL861 GENESYS-GL861 Datasheet
412Kb / 19P
   USB 2.0 Controller for PC-DTV Application
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
logo
Fujitsu Component Limit...
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
   IEEE 1394 Serial Bus Controller for DTV
logo
Texas Instruments
SN761662 TI-SN761662 Datasheet
974Kb / 20P
[Old version datasheet]   DTV TUNER IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com