Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS426GT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS426GT
Description  Serial ATA/Fibre Channel Clock Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS426GT Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS426GT Datasheet HTML 1Page - Integrated Circuit Systems ICS426GT Datasheet HTML 2Page - Integrated Circuit Systems ICS426GT Datasheet HTML 3Page - Integrated Circuit Systems ICS426GT Datasheet HTML 4Page - Integrated Circuit Systems ICS426GT Datasheet HTML 5Page - Integrated Circuit Systems ICS426GT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Serial ATA/Fibre Channel Clock Synthesizer
MDS 426 B
6
Revision 091102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
ICS426
Package Outline and Package Dimensions (16 pin TSSOP, 173 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
(both)
Shipping
packaging
Package
Temperature
ICS426G
ICS426G
Tubes
16 pin TSSOP
0 to +70
° C
ICS426GT
ICS426G
Tape and Reel
16 pin TSSOP
0 to +70
° C
INDE X
AR EA
1
2
16
D
E1
E
SEAT IN G
PL A N E
A
1
A
A
2
e
- C -
b
aa a C
α
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS426GT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
ICS421002AI01 ICST-ICS421002AI01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS421002AIL ICST-ICS421002AIL Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS421004AI01 ICST-ICS421004AI01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS421G-05LF ICST-ICS421G-05LF Datasheet
144Kb / 5P
   DIGITAL VIDEO CAMERA CLOCK
More results

Similar Description - ICS426GT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
ATMEL Corporation
AT78C5090 ATMEL-AT78C5090 Datasheet
121Kb / 3P
   2-CHANNEL SERIAL ATA PHY
AT78C5091 ATMEL-AT78C5091 Datasheet
140Kb / 3P
   1-channel Serial ATA PHY
logo
Adam Technologies, Inc.
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
   SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
   SERIAL ATA CONNECTOR
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
   SERIAL ATA CONNECTOR
SATA-B-PR-RT ADAM-TECH-SATA-B-PR-RT Datasheet
90Kb / 1P
   SERIAL ATA CONNECTOR
SATA-C-PR-SMT-K ADAM-TECH-SATA-C-PR-SMT-K Datasheet
105Kb / 1P
   SERIAL ATA CONNECTOR
SATA-G-PM-SMT ADAM-TECH-SATA-G-PM-SMT Datasheet
95Kb / 1P
   SERIAL ATA CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com