Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21G5L Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # 21G5L
Description  DIGITAL VIDEO CAMERA CLOCK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

21G5L Datasheet(HTML) 4 Page - Integrated Circuit Systems

  21G5L Datasheet HTML 1Page - Integrated Circuit Systems 21G5L Datasheet HTML 2Page - Integrated Circuit Systems 21G5L Datasheet HTML 3Page - Integrated Circuit Systems 21G5L Datasheet HTML 4Page - Integrated Circuit Systems 21G5L Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIGITAL VIDEO CAMERA CLOCK
MDS 421-05 B
4
Revision 072304
Integrated Circuit Systems 525 Race Street, San Jose, CA 95126 tel (408) 297-1201
www.icst.com
ICS421-05
Notes: 1. Nominal switching threshold is VDD/2
AC Electrical Characteristics
VDD = 1.8 V to 2.4 V
, Ambient Temperature 0 to +70
°C, unless stated otherwise
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week
number that the part was assembled.
3. “L” designates Pb (lead) free package.
Short Circuit Current
IOS
Each output
50
mA
Nominal Output Impedance
Zo
20
W
On-chip Pull-down Resistor
OE_USB
150
k
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Frequency
Clock Input
27
MHz
Output Rise Time
tOR
VDD=2.4 V, 20% to
80%, CL=10 pF
1.8
ns
Output Fall Time
tOF
VDD=2.4 V, 80% to
20%, CL=10 pF
1.8
ns
Output Rise Time
tOR
VDD=1.8 V, 20% to
80%, CL=10 pF
2.5
ns
Output Fall Time
tOF
VDD=1.8 V, 80% to
20%, CL=10 pF
2.5
ns
Output Clock Duty Cycle
at VDD/2
50
%
Absolute Pk-Pk Jitter
72 MHz output clock
±200
ps
PLL Lock Time within 1%
Power OFF to lock
10
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
110
°C/W
θ
JA
1 m/s air flow
100
°C/W
θ
JA
3 m/s air flow
80
°C/W
Thermal Resistance Junction to Case
θ
JC
35
°C/W
1
4
8
YYWW
21G5L
######
5


Similar Description - 21G5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
CH5101A ETC1-CH5101A Datasheet
132Kb / 32P
   CMOS Monochrome Digital Video Camera
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
   CMOS COLOR DIGITAL VIDEO CAMERA
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
   Digital Still Camera Clock Source
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
IS-5114I ETC2-IS-5114I Datasheet
251Kb / 17P
   High-Performance Digital/Video Camera Processor
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
   Digital Video Clock Source
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com