Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF5025MLB Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # WF5025MLB
Description  Crystal Oscillator Module ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5025MLB Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button WF5025MLB Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 10Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 11Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 12Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 13Page - Nippon Precision Circuits Inc WF5025MLB Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
WF5025 series
NIPPON PRECISION CIRCUITS INC.—10
Switching Characteristics
WF5025AL
× (2.5V operation)
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
WF5025AL
× (3.0V operation)
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
3
6
ns
tr2
CL = 30pF
5
10
ns
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
3
6
ns
tf2
CL = 30pF
5
10
ns
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 2.5V, Ta = 25°C, f = 50MHz
CL = 15pF
45
55
%
Duty2
CL = 30pF
45
55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 2.5V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time*2
tPZL
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
2.5
5
ns
tr2
CL = 30pF
4.5
9
ns
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
2.5
5
ns
tf2
CL = 30pF
4.5
9
ns
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 3.0V, Ta = 25°C, f = 50MHz
CL = 15pF
45
55
%
Duty2
CL = 30pF
45
55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time*2
tPZL
100
ns


Similar Part No. - WF5025MLB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5027 NPC-WF5027 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A1-4 NPC-WF5027A1-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A2-4 NPC-WF5027A2-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A3-4 NPC-WF5027A3-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A4-4 NPC-WF5027A4-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
More results

Similar Description - WF5025MLB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com