Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF5025AL5 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # WF5025AL5
Description  Crystal Oscillator Module ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5025AL5 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  WF5025AL5 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5025AL5 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
WF5025 series
NIPPON PRECISION CIRCUITS INC.—5
Electrical Characteristics
WF5025AL
× (2.5V operation)
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.25V, IOH = 4mA
1.65
1.95
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.25V, IOL = 4mA
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
10
µA
VOL = VSS
10
µA
Current consumption
IDD2
Measurement cct 3, load cct 1,
INHN = open, CL = 30pF, f = 50MHz
WF5025AL1
7
14
mA
WF5025AL2
4.5
9
mA
WF5025AL3
3.5
7
mA
WF5025AL4
2.9
5.8
mA
WF5025AL5
2.5
5
mA
WF5025AL6
2.4
4.8
mA
Standby current
IST
Measurement cct 3, INHN = LOW
3
µA
INHN pull-up resistance
RUP1
Measurement cct 4
2
6
12
M
RUP2
20
100
200
k
Feedback resistance
Rf
Measurement cct 5
50
150
k
Oscillator amplifier output
resistance
RD
Design value. A monitor pattern on a wafer is tested.
340
400
460
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
6.8
8
9.2
pF
CD
8.5
10
11.5
pF


Similar Part No. - WF5025AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5027 NPC-WF5027 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A1-4 NPC-WF5027A1-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A2-4 NPC-WF5027A2-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A3-4 NPC-WF5027A3-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A4-4 NPC-WF5027A4-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
More results

Similar Description - WF5025AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com