Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRFZ34NL Datasheet(PDF) 1 Page - International Rectifier

Part No. IRFZ34NL
Description  HEXFET® Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 1 page
background image
IRFZ34NS/L
HEXFET® Power MOSFET
PD - 9.1311A
l Advanced Process Technology
l Surface Mount (IRFZ34NS)
l Low-profile through-hole (IRFZ34NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ34NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.040Ω
ID = 29A
2
D
P a k
T O - 262
S
D
G
8/25/97
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
2.2
RθJA
Junction-to-Ambient (PCB mount) **
––––
40
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
29
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
20
A
IDM
Pulsed Drain Current
…
100
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
68
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
130
mJ
IAR
Avalanche Current

16
A
EAR
Repetitive Avalanche Energy

5.6
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF2907ZS-7PPBFHEXFET® Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3103HEXFET® Power MOSFET 1 2 3 4 5 MoreInterFET Corporation
IRLI2505HEXFET® Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
MMSF10N02ZSINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS 1 2 3 4 5 MoreMotorola, Inc
MRF1507LATERAL NCHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MTSF3N02HDSINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS on = 0.040 OHM 1 2 3 4 5 MoreMotorola, Inc
NTMD6N03R2Power MOSFET 1 2 3 4 5 MoreON Semiconductor
IRFIZ48VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
MMDF3N03HDPower MOSFET 3 Amps 30 Volts 1 2 3 4 5 MoreON Semiconductor
MSK3017THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl