Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1493K-17LF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1493K-17LF
Description  Clock Synthesizer for Portable Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1493K-17LF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1493K-17LF Datasheet HTML 3Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 4Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 5Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 6Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 7Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 8Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 9Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 10Page - Integrated Circuit Systems ICS1493K-17LF Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
10
Revision 101005
Integr ated Circuit System s
525 Ra ce Stree t, Sa n Jose, CA 951 26 te l (4 08) 297 -1201 www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year and the week number that the part was assembled.
3. “L” denotes Pb (lead) free package.
4. Bottom marking: (origin). Origin = country of origin if not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
39
°C/W
θ
JA
1 m/s air flow
36
°C/W
θ
JA
2.5 m/s air flow
34
°C/W
1
6
11
16
93K17L
######
YYWW


Similar Part No. - ICS1493K-17LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493K-17LF RENESAS-ICS1493K-17LF Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
ICS1493K-17LFT RENESAS-ICS1493K-17LFT Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results

Similar Description - ICS1493K-17LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
   Portable System Clock Synthesizer
logo
Texas Instruments
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP TM Systems
logo
Renesas Technology Corp
9TCS1085 RENESAS-9TCS1085 Datasheet
682Kb / 39P
   MOBILE ACCESS™—CLOCK SYNTHESIZER, TEMPERATURE SENSOR, & PWM FAN CONTROLLER FOR PORTABLE DEVICES
REV 0.7 012012
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
   Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com