Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7807WC Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC7807WC
Description  Photodetector/Transimpedance Amplifier Family for Optical Communication
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7807WC Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC7807WC Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7807WC Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7807
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52363-0, Rev 2.1
Page 9
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device type and package type.
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production
information about Vitesse products in their concept, development and/or testing phase. All informaiton in this document, including descriptions of
features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Nothing contained in this
document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be available as described or
will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.
VSC7807 xx
Device Type
Package
Photodetector/Transimpedance Amplifier
Family for Optical Communication
WA: TO-46 Flat Window
WB: TO-56 Flat Window
WC: TO-46 Ball Lens—7mm Lead Length
WD: TO-46 Ball Lens—13mm Lead Length
X:
Bare Dice


Similar Part No. - VSC7807WC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WA VITESSE-VSC7809WA Datasheet
146Kb / 10P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WB VITESSE-VSC7809WB Datasheet
146Kb / 10P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WC VITESSE-VSC7809WC Datasheet
146Kb / 10P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809WD VITESSE-VSC7809WD Datasheet
146Kb / 10P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7807WC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
   Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
   Photodetector/Transimpedance Amplifier Family for Optical Communication
logo
Hitachi Semiconductor
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
   Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
   Optical Communication Receiver/Amplifier
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
   Optical Communication Receiver/Amplifier
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com