Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS417400A Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS417400A
Description  4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417400A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS417400A Datasheet HTML 2Page - Texas Instruments TMS417400A Datasheet HTML 3Page - Texas Instruments TMS417400A Datasheet HTML 4Page - Texas Instruments TMS417400A Datasheet HTML 5Page - Texas Instruments TMS417400A Datasheet HTML 6Page - Texas Instruments TMS417400A Datasheet HTML 7Page - Texas Instruments TMS417400A Datasheet HTML 8Page - Texas Instruments TMS417400A Datasheet HTML 9Page - Texas Instruments TMS417400A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TMS416400A, TMS417400A
4194304 BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMKS889B – AUGUST 1996 – REVISED OCTOBER 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
RAS-only refresh
TMS416400A
A refresh operation must be performed at least once every 64 ms to retain data. This can be achieved by strobing
each of the 4 096 rows (A0 – A11). A normal read- or write cycle refreshes all bits in each row that is selected.
A RAS-only operation can be used by holding CAS at the high (inactive) level, conserving power as the output
buffers remain in the high-impedance state. Externally generated addresses must be used for a RAS-only
refresh.
TMS417400A
A refresh operation must be performed at least once every 32 ms to retain data. This can be achieved by strobing
each of the 2 048 rows (A0 – A10). A normal read- or write cycle refreshes all bits in each row that is selected.
A RAS-only operation can be used by holding CAS at the high (inactive) level, conserving power as the output
buffers remain in the high-impedance state. Externally generated addresses must be used for a RAS-only
refresh.
hidden refresh
Hidden refresh can be performed while maintaining valid data at the output pin. This is accomplished by holding
CAS at VIL after a read operation and cycling RAS after a specified precharge period, similar to a RAS-only
refresh cycle. The external address is ignored, and the refresh address is generated internally.
CAS-before-RAS ( CBR ) refresh
CBR refresh is utilized by bringing CAS low earlier than RAS (see parameter tCSR) and holding it low after RAS
falls (see parameter tCHR). For successive CBR refresh cycles, CAS can remain low while cycling RAS. The
external address is ignored, and the refresh address is generated internally.
power up
To achieve proper device operation, an initial pause of 200
µs, followed by a minimum of eight initialization
cycles, is required after power up to the full VCC level. These eight initialization cycles must include at least one
refresh ( RAS-only or CBR ) cycle.
test mode
The test mode is initiated with a CBR-refresh cycle while simultaneously holding the W input low. The entry cycle
performs an internal-refresh cycle while internally setting the device to perform a parallel read or write on
subsequent cycles. While in the test mode, any data sequence can be performed. The device exits test mode
if a CBR-refresh cycle (with W held high) or a RAS-only refresh cycle is performed.
In the test mode, the device is configured as 1 024K bits
× 4 bits for each DQ. Each DQ pin has a separate 4-bit
parallel-read- and write data bus that ignores column addresses A0 and A1. During a read cycle, the four internal
bits are compared for each DQ pin separately. If the four bits agree, DQ goes high; if not, DQ goes low. Test
time is reduced by a factor of four for this series of events.


Similar Part No. - TMS417400A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400 TI-TMS417400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400 TI1-TMS417400 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DJ TI-TMS417400-60DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DR TI-TMS417400-60DR Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-70DJ TI-TMS417400-70DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
More results

Similar Description - TMS417400A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS416100 TI1-TMS416100 Datasheet
368Kb / 25P
[Old version datasheet]   16777216-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS4256 TI-TMS4256 Datasheet
1Mb / 23P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com