Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P558A Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB89P558A
Description  8-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P558A Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB89P558A Datasheet HTML 1Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 2Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 3Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 4Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 5Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 6Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 7Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 8Page - Fujitsu Component Limited. MB89P558A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
MB89550A Series
5
s
s
s
s DIFFERENCES AMONG PRODUCTS AND PRECAUTIONS FOR MODEL SELECTION
• Package and Model Combinations
Note : Compatible with all options (-201/202/203) .
• Memory Space
• When evaluating chips using piggyback evaluators etc., please take note of the differences among products
before making the evaluation.
• Current Consumption
• When operating at low speed, one-time PROM and EPROM products will consume more current than mask
ROM products. However, the current consumption in sleep/stop modes is the same.
• For specific details about each package, see "s PACKAGE DIMENSIONS".
• For details about power consumption, see "s ELECTRICAL CHARACTERISTICS" .
• Mask Options
• The available options, and methods of using options, differ according to the model. Be sure to confirm the
options from the "s MASK OPTIONS" section.
• LCD Drive Step-up Power Circuit
The MB89550A series is available with or without the step-up circuit option as a mask option.
• Power Supply Path
The models in the MB89550A series have two power supply pins, VCC1 and VCC2, with power supply paths that
differ according to the model.
• Oscillator Startup and Power-on Reset
On the MB89PV550A and MB89P558A, oscillator startup and power-on reset are applied at the rise of the VCC2
input. On the MB89558A and MB89557A, oscillator startup and power-on reset are applied at the rise of the
VCC1 input.
Models
Package
MB89PV550A
MB89P558A
MB89557A
MB89558A
FPT-100P-M05
(LQFP-100 0.5 mm pitch)
×
FPT-100P-M18
(TQFP-100 0.4 mm pitch)
×
MQP-100C-P02
(MQFP-100 0.5 mm pitch)
×
×
Models
Supply pin
Power supply path
MB89557A/
558A
VCC1
3V power supply pin for internal resource operation, including the CPU.
VCC2
5V power supply pin for input/output ports.
MB89P558A
VCC1
VPP pin for on-board writing.
VCC2
V power supply pin for internal resource operation, including the CPU, and for input/
output pins.
MB89PV550A
VCC1
Internally shut off, operates as input to VCC2 only.
VCC2
5V power supply pin for internal resource operation, including the CPU, and for input/
output pins.


Similar Part No. - MB89P558A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P538 FUJITSU-MB89P538 Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89P538 FUJITSU-MB89P538 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
MB89P538 FUJITSU-MB89P538 Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
MB89P538-101 FUJITSU-MB89P538-101 Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89P538-101 FUJITSU-MB89P538-101 Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
More results

Similar Description - MB89P558A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com