Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89557A Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89557A
Description  8-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89557A Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89557A Datasheet HTML 1Page - Fujitsu Component Limited. MB89557A Datasheet HTML 2Page - Fujitsu Component Limited. MB89557A Datasheet HTML 3Page - Fujitsu Component Limited. MB89557A Datasheet HTML 4Page - Fujitsu Component Limited. MB89557A Datasheet HTML 5Page - Fujitsu Component Limited. MB89557A Datasheet HTML 6Page - Fujitsu Component Limited. MB89557A Datasheet HTML 7Page - Fujitsu Component Limited. MB89557A Datasheet HTML 8Page - Fujitsu Component Limited. MB89557A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
DS07-12550-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89550A Series
MB89557A/558A/P558A/PV550A
s
s
s
s DESCRIPTION
The MB89550A series is a general-purpose, single-chip microcontroller that features a compact instruction set
and contains a range of peripheral functions including a dual- clock control system, 5-level operating speed control,
LCD controller driver, A/D converter, D/A converter, timer, serial interface, PWM timer, PWC timer, and external
interrupts. The LCD controller driver is particularly suited for simultaneous control of LCD duty drive and static
drive functions.
s
s
s
s FEATURES
•••• Range of package options
• LQFP package (0.5 mm pitch)
• TQFP package (0.4 mm pitch)
•••• High speed operation at low voltage
• Minimum instruction execution time 0.32
µs (for 12.5 MHz oscillation)
•••• F2MCR-8L CPU core
Instruction set optimized for controller applications
• Multiplication and division instructions
• 16-bit arithmetic operations
• Bit test branch instructions
• Bit manipulation instructions, etc.
(Continued)
s
s
s
s PACKAGE
100-pin Plastic LQFP
100-pin Plastic TQFP
100-pin Ceramic MQFP
(FPT-100P-M05)
(FPT-100P-M18)
(MQP-100C-P02)


Similar Part No. - MB89557A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89530 FUJITSU-MB89530 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
MB89530A FUJITSU-MB89530A Datasheet
1Mb / 69P
   8-bit Microcontroller
MB89535A FUJITSU-MB89535A Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89535AP FUJITSU-MB89535AP Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89535APF FUJITSU-MB89535APF Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
More results

Similar Description - MB89557A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com