Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA661ASTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA661ASTR
Description  GPS HIGH GAIN LNA ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661ASTR Datasheet(HTML) 3 Page - STMicroelectronics

  SMA661ASTR Datasheet HTML 1Page - STMicroelectronics SMA661ASTR Datasheet HTML 2Page - STMicroelectronics SMA661ASTR Datasheet HTML 3Page - STMicroelectronics SMA661ASTR Datasheet HTML 4Page - STMicroelectronics SMA661ASTR Datasheet HTML 5Page - STMicroelectronics SMA661ASTR Datasheet HTML 6Page - STMicroelectronics SMA661ASTR Datasheet HTML 7Page - STMicroelectronics SMA661ASTR Datasheet HTML 8Page - STMicroelectronics SMA661ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
SMA661AS
TYPICAL PERFORMANCE (Vcc = 2.7 V, ZL = ZS = 50 ohm, unless otherwise specified; measured
according to Figure 13)
Figure 3. Power Gain Vs Frequency
Figure 4. Input Return Loss Vs Frequency
Figure 5. Noise Figure Vs Frequency
Figure 6. Reverse Isolation Vs Frequency
Figure 7. Output Return Loss Vs Frequency
Figure 8. IIP3 Vs Temperature
10
11
12
13
14
15
16
17
18
19
20
21
22
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = -40 ºC
Ta = +25 ºC
Ta = +85 ºC
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = +85 ºC
Ta = -40 ºC
Ta = +25 ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1500
1520
1540
1560
1580
1600
f (MHz)
Ta = +85 ºC
Ta = +25 ºC
Ta = -40 ºC
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = +85 ºC
Ta = -40 ºC
Ta = +25 ºC
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
f (MHz)
Ta = -40 ºC
Ta = +85 ºC
Ta = +25 ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
25
85
T (°C)


Similar Part No. - SMA661ASTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
414Kb / 14P
   Fully integrated GPS LNA IC
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
   Fully integrated GPS LNA IC
More results

Similar Description - SMA661ASTR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
   CMOS High Gain GPS LNA
WS7918DC WILLSEMI-WS7918DC Datasheet
915Kb / 7P
   CMOS High Gain GPS LNA
WS7919S WILLSEMI-WS7919S Datasheet
729Kb / 9P
   CMOS High Gain GPS LNA
WS7916DC WILLSEMI-WS7916DC Datasheet
917Kb / 7P
   CMOS High Gain GPS LNA
logo
Taoglas antenna solutio...
MA203.A.AB.035 TAOGLAS-MA203.A.AB.035 Datasheet
1Mb / 10P
   GPS-High gain LNA up to 32dB
logo
List of Unclassifed Man...
MA204ALB002 ETC2-MA204ALB002 Datasheet
3Mb / 25P
   GPS/GLONASS - High gain LNA up to 28dB
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com