Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1411 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC1411
Description  Single Supply 14-Bit 2.5Msps ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1411 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC1411 Datasheet HTML 1Page - Linear Integrated Systems LTC1411 Datasheet HTML 2Page - Linear Integrated Systems LTC1411 Datasheet HTML 3Page - Linear Integrated Systems LTC1411 Datasheet HTML 4Page - Linear Integrated Systems LTC1411 Datasheet HTML 5Page - Linear Integrated Systems LTC1411 Datasheet HTML 6Page - Linear Integrated Systems LTC1411 Datasheet HTML 7Page - Linear Integrated Systems LTC1411 Datasheet HTML 8Page - Linear Integrated Systems LTC1411 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1411
1411f
Single Supply
14-Bit 2.5Msps ADC
The LTC
®1411 is a 2.5Msps sampling 14-bit A/D con-
verter in a 36-pin SSOP package, which typically dissi-
pates only 195mW from a single 5V supply. This device
comes complete with a high bandwidth sample-and-
hold, a precision reference, programmable input ranges
and an internally trimmed clock. The ADC can be powered
down with either the Nap or Sleep mode for low power
applications.
The LTC1411 converts either differential or single-ended
inputs and presents data in 2’s complement format.
Maximum DC specs include
±2LSB INL and 14-bit no
missing code over temperature. Outstanding dynamic
performance includes 80dB S/(N + D) and 90dB THD at
100kHz input frequency.
The LTC1411 has four programmable input ranges se-
lected by two digital input pins, PGA0 and PGA1. This
provides input spans of
±1.8V,±1.27V,±0.9Vand±0.64V.
An out-of-the-range signal together with the D13 (MSB)
will indicate whether a signal is over or under the ADC’s
input range. A simple conversion start input and a data
ready signal ease connections to FIFOs, DSPs and micro-
processors.
s
Sample Rate: 2.5Msps
s
80dB S/(N + D) and 90dB THD at 100kHz fIN
s
Single 5V Operation
s
No Pipeline Delay
s
Programmable Input Ranges
s
Low Power Dissipation: 195mW (Typ)
s
True Differential Inputs Reject Common Mode Noise
s
Out-of-Range Indicator
s
Internal or External Reference
s
Sleep (1
µA) and Nap (2mA) Shutdown Modes
s
36-Pin SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Telecommunications
s
High Speed Data Acquisition
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
Spectrum Analysis
s
Imaging Systems
OTR
D13
OGND
DVP
OVDD
CONTROL LOGIC
2.5V
BANDGAP
REFERENCE
INTERNAL
CLOCK
14-BIT
ADC
OUTPUT
DRIVERS
REFOUT
14
+
PGA0
PGA1
CONVST
DGND
1411 BD
AIN
+
AIN
NAP
SLP
AVM
7, 8, 9
3
REFIN
2k
5k
5k
2
1
32
33
34
35
36
11
AGND
31
26
BUSY
27
D0
25
12
28
29
30
4
REFCOM1
5
REFCOM2
6
X1.62/
X1.15
AVP
10
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA
INPUT FREQUENCY (kHz)
10
38
50
62
100
1000
10000
1411 TA02
26
14
86
74
32
44
56
20
80
68
10
14
12
13
11
S/(N + D) and Effective Bits
vs Input Frequency


Similar Part No. - LTC1411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411 LINER-LTC1411 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1411 LINER-LTC1411 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1411 LINER-LTC1411 Datasheet
232Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411CG LINER-LTC1411CG Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
More results

Similar Description - LTC1411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411 LINER-LTC1411_15 Datasheet
232Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
logo
Analog Devices
AD7899 AD-AD7899 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_17 Datasheet
274Kb / 17P
   5 V Single Supply 14-Bit 400 kSPS ADC
logo
Maxim Integrated Produc...
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
   5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
logo
Analog Devices
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
   5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
logo
Maxim Integrated Produc...
MAX1205 MAXIM-MAX1205 Datasheet
127Kb / 12P
   5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc
19-4794; Rev 0; 11/98
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com