Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P502-51OC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P502-51OC
Description  Low Phase Noise VCXO (20MHz to 52MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P502-51OC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P502-51OC Datasheet HTML 1Page - PhaseLink Corporation P502-51OC Datasheet HTML 2Page - PhaseLink Corporation P502-51OC Datasheet HTML 3Page - PhaseLink Corporation P502-51OC Datasheet HTML 4Page - PhaseLink Corporation P502-51OC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL502-51
Low Phase Noise VCXO (20MHz to 52MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/05 Page 1
FEATURES
• Integrated voltage-controlled crystal oscillator
circuitry (VCXO) (pull range 380ppm minimum).
• VCXO tuning range: 0V - VDDV.
• Uses inexpensive fundamental-mode parallel
resonant crystals (from 20 to 52MHz).
• 2.5V or 3.3V supply voltage.
• Selectable High Drive (30mA) or Standard Drive
(10mA) CMOS output.
• Available in 8-Pin SOIC or TSSOP.
DESCRIPTION
The PLL502-51 is a monolithic low jitter, high per-
formance CMOS VCXO IC. It allows control of the
output frequency with an input voltage (VCON), us-
ing a low cost crystal.
This makes the PLL502-51 ideal for a wide range of
applications from 20MHz to 52MHz (including
27MHz, 35.328MHz, etc.).
PIN CONFIGURATION
Note: ^ denotes internal pull up
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
No PLL
20 - 52MHz
CMOS
BLOCK DIAGRAM
1
2
3
45
6
7
8
XOUT
N/C
VCON
GND
XIN
VDD
CLK
OE^
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP


Similar Part No. - P502-51OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P502-50DC PLL-P502-50DC Datasheet
181Kb / 4P
   VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
P502-52HOC PLL-P502-52HOC Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
P502-52HSC PLL-P502-52HSC Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
P502-52OC PLL-P502-52OC Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
P502-52SC PLL-P502-52SC Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
More results

Similar Description - P502-51OC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0251 ABRACON-ABV0251 Datasheet
58Kb / 5P
   Low Phase Noise VCXO (20MHz to 52MHz)
logo
PhaseLink Corporation
PLL502-52 PLL-PLL502-52 Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
Abracon Corporation
ABV0252 ABRACON-ABV0252 Datasheet
58Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
PhaseLink Corporation
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
   Low Phase Noise VCXO (1MHz to 18MHz)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com