Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-03HSI Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL502-03HSI
Description  Low Phase Noise VCXO (48MHz to 100MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-03HSI Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL502-03HSI Datasheet HTML 1Page - PhaseLink Corporation PLL502-03HSI Datasheet HTML 2Page - PhaseLink Corporation PLL502-03HSI Datasheet HTML 3Page - PhaseLink Corporation PLL502-03HSI Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLL502-03
Low Phase Noise VCXO (48MHz to 100MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 3
3. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
12
25
MHz
Output Clock Rise/Fall Time
(Standard Drive)
0.3V ~ 3.0V with 15 pF load
2.4
Output Clock Rise/Fall Time
(High Drive)
0.3V ~ 3.0V with 15 pF load
1.2
ns
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
4. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 25MHz;
XTAL C0/C1 < 250
0V
≤ VCON ≤ 3.3V
500
ppm
CLK output pullability
VCON=1.65V,
±1.65V
±200
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
k
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
5. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
with capacitive decoupling
between VDD and GND.
3.5
ps
Phase Noise relative to carrier
48MHz @100Hz offset
-100
dBc/Hz
Phase Noise relative to carrier
48MHz @1kHz offset
-123
dBc/Hz
Phase Noise relative to carrier
48MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
48MHz @100kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
48MHz @1MHz offset
-125
dBc/Hz
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
12
25
MHz
Crystal Loading Capacitance Rating
CL (xtal)
9.5
pF
C0/C1
250
-
ESR
RS
30
Note: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the crystal will be at
nominal frequency at this load. If the crystal requires more load to be at nominal frequency, the additional load must be added externally.
This however may reduce the pull range.


Similar Part No. - PLL502-03HSI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-00 PLL-PLL502-00 Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DC PLL-PLL502-00DC Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DI PLL-PLL502-00DI Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01OC PLL-PLL502-01OC Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PLL502-03HSI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
PhaseLink Corporation
PLL602-03 PLL-PLL602-03 Datasheet
200Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
List of Unclassifed Man...
PLL602-03 ETC1-PLL602-03 Datasheet
198Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Abracon Corporation
ABX0203 ABRACON-ABX0203 Datasheet
54Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com