Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-03HSI Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-03HSI
Description  Low Phase Noise VCXO (48MHz to 100MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-03HSI Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-03HSI Datasheet HTML 1Page - PhaseLink Corporation PLL502-03HSI Datasheet HTML 2Page - PhaseLink Corporation PLL502-03HSI Datasheet HTML 3Page - PhaseLink Corporation PLL502-03HSI Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLL502-03
Low Phase Noise VCXO (48MHz to 100MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XOUT
1
I
Crystal output. See Crystal Specifications on page 3.
N/C
2
-
Not connected.
VCON
3
I
Voltage Control input.
GND
4
P
Ground.
CLK
5
O
Output clock.
VDD
6
P
+3.3V power supply.
OE
7
I
Output enable input. Disables (tri-state) output when low. Internal pull-up
enables output by default if pin is not connected to low.
XIN
8
I
Crystal input. See Crystal Specifications on page 3.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
FXIN = 12 - 25MHz
Output load of 10pF
16
20
mA
Operating Voltage
VDD
2.97
3.63
V
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
(High Drive)
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
(Standard Drive)
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
3.3
V


Similar Part No. - PLL502-03HSI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-00 PLL-PLL502-00 Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DC PLL-PLL502-00DC Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DI PLL-PLL502-00DI Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01OC PLL-PLL502-01OC Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PLL502-03HSI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
PhaseLink Corporation
PLL602-03 PLL-PLL602-03 Datasheet
200Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
List of Unclassifed Man...
PLL602-03 ETC1-PLL602-03 Datasheet
198Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Abracon Corporation
ABX0203 ABRACON-ABX0203 Datasheet
54Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com