Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-01OM Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-01OM
Description  Low Phase Noise VCXO (24MHz to 50MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-01OM Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-01OM Datasheet HTML 1Page - PhaseLink Corporation PLL502-01OM Datasheet HTML 2Page - PhaseLink Corporation PLL502-01OM Datasheet HTML 3Page - PhaseLink Corporation PLL502-01OM Datasheet HTML 4Page - PhaseLink Corporation PLL502-01OM Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary for proposal
PLL502-01
Low Phase Noise VCXO (24MHz to 50MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 4/01/02 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XOUT
1
I
Crystal output pin.
N/C
2
-
Not connected.
VIN
3
I
Frequency control voltage input pin.
GND
4
P
Ground pin.
CLK
5
O
Output clock pin.
VDD
6
P
+3.3V VDD power supply pin.
OE
7
I
Output enable input pin. Disables (tri-state) output when low. Internal pull-
up enables output by default if pin is not connected to low.
XIN
8
I
Crystal input pin.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VCC
-0.5
7
V
Input Voltage Range
VI
-0.5
VCC
+0.5
V
Output Voltage Range
VO
-0.5
VCC
+0.5
V
Soldering Temperature
260
°C
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
-40
85
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for INDUSTRIAL grade only.


Similar Part No. - PLL502-01OM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-00 PLL-PLL502-00 Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DC PLL-PLL502-00DC Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DI PLL-PLL502-00DI Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PLL502-01OM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-27 PLL-PLL502-27 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL602-01 PLL-PLL602-01 Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
Abracon Corporation
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
   384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com